Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0108RGYRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TXB0108RGYRG4
Description  TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0108RGYRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TXB0108RGYRG4 Datasheet HTML 1Page - Texas Instruments TXB0108RGYRG4 Datasheet HTML 2Page - Texas Instruments TXB0108RGYRG4 Datasheet HTML 3Page - Texas Instruments TXB0108RGYRG4 Datasheet HTML 4Page - Texas Instruments TXB0108RGYRG4 Datasheet HTML 5Page - Texas Instruments TXB0108RGYRG4 Datasheet HTML 6Page - Texas Instruments TXB0108RGYRG4 Datasheet HTML 7Page - Texas Instruments TXB0108RGYRG4 Datasheet HTML 8Page - Texas Instruments TXB0108RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
GXY OR ZXY PACKAGE
(BOTTOM VIEW)
A
B
C
D
2
1
3
4
5
20
19
16
15
14
13
1
2
5
6
7
8
PW PACKAGE
(TOP VIEW)
18
17
12
11
3
4
9
10
RGY PACKAGE
(TOP VIEW)
YZP PACKAGE
(BALL SIDE VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
V
CCB
B2
B3
B4
B5
B6
B7
B8
V
CCA
A2
A3
A4
A5
A6
A7
A8
V
CCB
B2
B3
B4
B5
B6
B7
B8
GND
V
CCA
A1
A2
A3
A4
A5
A6
A7
A8
OE
B1
B1
B2
B3
B4
A2
A3
A4
1
2
3
4
20
19
18
17
V
CCB
GND
B5
B6
OE
A5
A6
5
6
7
8
16
15
14
13
B7
B8
A7
A8
9
10
12
11
A1
V
CCA
DQS PACKAGE
(TOP VIEW)
B6
B8
A8
A6
GND
B7
A7
OE
V
CCB
B5
A5
V
CCA
B4
B3
A3
A4
B2
B1
A1
A2
1
2
3
4
E
D
C
B
A
TXB0108
www.ti.com
SCES643F – NOVEMBER 2006 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
Note:
For the RGY package, the exposed center thermal pad must be connected to ground.
A.
Pullup resistors are not required on both sides for Logic I/O.
B.
If pullup or pulldown resistors are needed, the resistor value must be over 50 k
Ω.
C.
50 k
Ω is a safe recommended value, if the customer can accept higher VOL or lower VOH, smaller pullup or pulldown
resistor is allowed, the draft estimation is VOL = VCCOUT × 4.5 k/(4.5 k + RPU) and VOH = VCCOUT × RDW/(4.5 k + RDW).
D.
If pullup resistors are needed, please refer to the TXS0108 or contact TI.
E.
For detailed information, please refer to application note SCEA043.
Pin Functions
PIN
I/O(1)
FUNCTION
NAME
PW, RGY NO.
DQS NO.
YZP NO.
A1
1
1
A3
I/O
Input/output 1. Referenced to VCCA.
VCCA
2
5
C4
S
A-port supply voltage. 1.1 V
≤ VCCA ≤ 3.6 V, VCCA ≤ VCCB.
A2
3
2
A4
I/O
Input/output 2. Referenced to VCCA.
A3
4
3
B3
I/O
Input/output 3. Referenced to VCCA.
A4
5
4
B4
I/O
Input/output 4. Referenced to VCCA.
A5
6
7
C3
I/O
Input/output 5. Referenced to VCCA.
A6
7
8
E4
I/O
Input/output 6. Referenced to VCCA.
A7
8
9
D3
I/O
Input/output 7. Referenced to VCCA.
A8
9
10
E3
I/O
Input/output 8. Referenced to VCCA.
OE
10
6
D4
I
Output enable. Pull OE low to place all outputs in 3-state mode. Referenced to VCCA.
GND
11
15
D1
S
Ground
B8
12
11
E2
I/O
Input/output 8. Referenced to VCCB.
B7
13
12
D2
I/O
Input/output 7. Referenced to VCCB.
B6
14
13
E1
I/O
Input/output 6. Referenced to VCCB.
B5
15
14
C2
I/O
Input/output 5. Referenced to VCCB.
(1)
I = input, O = output, I/O = input and output, S = power supply
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TXB0108


Similar Part No. - TXB0108RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0108RGYRG4 TI-TXB0108RGYRG4 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108RGYRG4 TI-TXB0108RGYRG4 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
More results

Similar Description - TXB0108RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
logo
Texas Instruments
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI1-TXB0108_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com