Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS66WVE1M16EBLL-55BLI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS66WVE1M16EBLL-55BLI
Description  16Mb Async/Page PSRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16EBLL-55BLI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS66WVE1M16EBLL-55BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE1M16EBLL-55BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE1M16EBLL-55BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WVE1M16EBLL-55BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WVE1M16EBLL-55BLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66WVE1M16EBLL-55BLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS66WVE1M16EBLL-55BLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66WVE1M16EBLL-55BLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS66WVE1M16EBLL-55BLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
IS66/67WVE1M16EALL/EBLL/ECLL
IS66/67WVE1M16TALL/TBLL/TCLL
Rev. C | Oct. 2015
www.issi.com - SRAM@issi.com
Low-Power Feature
Standby Mode Operation
During standby, the device current consumption is reduced to the level necessary to
perform the DRAM refresh operation. Standby operation occurs when CE# and ZZ# are HIGH.
The device will enter a reduced power state upon completion of a READ or WRITE
operations when the address and control inputs remain static for an extended period of time.
This mode will continue until a change occurs to the address or control inputs.
Temperature Compensated Refresh
Temperature compensated refresh (TCR) is used to adjust the refresh rate depending on the
device operating temperature. DRAM technology requires more frequent refresh operations to
maintain data integrity as temperatures increase. More frequent refresh is required due to the
increased leakage of the DRAM's capacitive storage elements as temperatures rise. A decreased
refresh rate at lower temperatures will result in a savings in standby current.
TCR allows for adequate refresh at four different temperature thresholds: +15°C, +45°C, +70°C,
and +85°C. The setting selected must be for a temperature higher than the case temperature of
the device. If the case temperature is +50°C, the system can minimize self refresh current
consumption by selecting the +70°C setting. The +15°C and +45°C settings would result in
inadequate refreshing and cause data corruption.


Similar Part No. - IS66WVE1M16EBLL-55BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
More results

Similar Description - IS66WVE1M16EBLL-55BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16ALL ISSI-IS66WVE1M16ALL Datasheet
522Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com