Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJL3415 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJL3415
Description  P-Channel MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJL3415 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJL3415 Datasheet HTML 1Page - ZP Semiconductor CJL3415 Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static Parameters
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =-250µA
-20
Gate threshold voltage
(note2)
VGS(th)
VDS =VGS, ID =-250µA
-0.3
-1
V
VDS =0V, VGS =±8V
±10
Gate-body leakage current
IGSS
VDS =0V, VGS =±4.5V
±1
Zero gate voltage drain current
IDSS
VDS =-16V, VGS =0V
-1
µA
VGS =-4.5V, ID =-4A
44
50
VGS =-2.5V, ID =-4A
52
60
Drain-source on-state resistance(note
2)
RDS(on)
VGS =-1.8V, ID =-2A
64
73
mΩ
Forward transconductance(note2)
gFS
VDS =-5V, ID =-4A
16
8
S
Dynamic Parameters
(note3)
Input capacitance
Ciss
1450
Output capacitance
Coss
205
Reverse transfer capacitance
Crss
VDS =-10V,VGS =0V,f =1MHz
160
pF
Switching Parameters
(note3)
Total gate charge
Qg
17.2
Gate-Source charge
Qgs
1.3
Gate-drain charge
Qgd
VDS =-10V,VGS =-4.5V,ID =-4A
4.5
nC
Turn-on delay time
td(on)
9.5
Turn-on rise time
tr
17
Turn-off delay time
td(off)
94
Turn-off fall time
tf
VDS=-10V, VGS=-4.5V
RGEN =3, RL=2.5Ω,
35
ns
Notes:
1. Repetitive rating,pulse width limited by junction temperature.
2. Pulse Test : Pulse width 300µs, duty cycle 2%.
3. These parameters have no way to verify.
Drain-Source Diode Characteristics
Drain-source diode forward voltage(note
2)
VDs
VGS = 0V, IS =
-1A
-1
V
Maximum continuous drain-source diode
forward current
IS
-4
A
2 of 2
sales@zpsemi.com
www.zpsemi.com
CJ 3415


Similar Part No. - CJL3415

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJL3415 JIANGSU-CJL3415 Datasheet
797Kb / 5P
   P-Channel 20V(D-S) MOSFET
More results

Similar Description - CJL3415

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com