Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5147M1PFP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TVP5147M1PFP
Description  11-Bit Digital Video Decoder With Macrovision YPbPr Inputs, and 5-Line Comb Filter
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP5147M1PFP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TVP5147M1PFP Datasheet HTML 6Page - Texas Instruments TVP5147M1PFP Datasheet HTML 7Page - Texas Instruments TVP5147M1PFP Datasheet HTML 8Page - Texas Instruments TVP5147M1PFP Datasheet HTML 9Page - Texas Instruments TVP5147M1PFP Datasheet HTML 10Page - Texas Instruments TVP5147M1PFP Datasheet HTML 11Page - Texas Instruments TVP5147M1PFP Datasheet HTML 12Page - Texas Instruments TVP5147M1PFP Datasheet HTML 13Page - Texas Instruments TVP5147M1PFP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
TVP5147M1
SLES140G – JULY 2005 – REVISED FEBRUARY 2012
www.ti.com
1.2
Description
The TVP5147M1 device is a high-quality, single-chip digital video decoder that digitizes and decodes all
popular baseband analog video formats into digital component video. The TVP5147M1 decoder supports
the analog-to-digital (A/D) conversion of component YPbPr signals, as well as the A/D conversion and
decoding of NTSC, PAL, and SECAM composite and S-video into component YCbCr. This decoder
includes two 11-bit 30-MSPS A/D converters (ADCs). Preceding each ADC in the device, the
corresponding analog channel contains an analog circuit that clamps the input to a reference voltage and
applies a programmable gain and offset. A total of ten video input terminals can be configured to a
combination of YPbPr, CVBS, or S-video video inputs.
Composite or S-video signals are sampled at 2× the ITU-R BT.601 clock frequency, line-locked alignment,
and are then decimated to the 1× pixel rate. CVBS decoding uses five-line adaptive comb filtering for both
the luma and chroma data paths to reduce both cross-luma and cross-chroma artifacts. A chroma trap
filter is also available. On CVBS and S-video inputs, the user can control video characteristics such as
contrast, brightness, saturation, and hue via an I2C host port interface. Furthermore, luma peaking
(sharpness) with programmable gain is included, as well as a patented chroma transient improvement
(CTI) circuit.
The following output formats can be selected: 20-bit 4:2:2 YCbCr or 10-bit 4:2:2 YCbCr.
The TVP5147M1 decoder generates synchronization, blanking, field, active video window, horizontal and
vertical syncs, clock, genlock (for downstream video encoder synchronization), host CPU interrupt and
programmable logic I/O signals, in addition to digital video outputs.
The TVP5147M1 decoder includes methods for advanced vertical blanking interval (VBI) data retrieval.
The VBI data processor (VDP) slices, parses, and performs error checking on teletext, closed caption
(CC), and other VBI data. A built-in FIFO stores up to 11 lines of teletext data, and with proper host port
synchronization, full-screen teletext retrieval is possible. The TVP5147M1 decoder can pass through the
output formatter 2× sampled raw luma data for host-based VBI processing.
The main blocks of the TVP5147M1 decoder include:
Robust sync detection for weak and noisy signals as well as VCR trick modes
Y/C separation by 2-D 5-line adaptive comb or chroma trap filter
Two 11-bit, 30-MSPS A/D converters with analog preprocessors [clamp and automatic gain control
(AGC)]
Analog video output
Luminance processor
Chrominance processor
Clock/timing processor and power-down control
Software-controlled power-saving standby mode
Output formatter
I2C host port interface
VBI data processor
Macrovision™ copy protection detection circuit (Type 1, 2, 3, and separate color stripe detection)
3.3-V tolerant digital I/O ports
10
Introduction
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TVP5147M1


Similar Part No. - TVP5147M1PFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 101P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5147M1PFPG4 TI-TVP5147M1PFPG4 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147M1PFPR TI-TVP5147M1PFPR Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
More results

Similar Description - TVP5147M1PFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5147PFP TI1-TVP5147PFP_16 Datasheet
1Mb / 100P
[Old version datasheet]   2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147PFP TI-TVP5147PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
TVP5147M1 TI-TVP5147M1_08 Datasheet
1Mb / 101P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5146M2 TI1-TVP5146M2 Datasheet
964Kb / 107P
[Old version datasheet]   NTSC/PAL/SECAM 4횞10-Bit Digital Video Decoder With Macrovision??Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
TVP5147M1PFP TI-TVP5147M1PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5146M2PFP_0708 TI-TVP5146M2PFP_0708 Datasheet
1Mb / 108P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2PFP TI-TVP5146M2PFP Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI1-TVP5146_12 Datasheet
1Mb / 109P
[Old version datasheet]   NTSC/PAL/SECAM 4x10-Bit Digital Video Decoder With Macrovision田?Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI-TVP5146 Datasheet
537Kb / 103P
[Old version datasheet]   NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com