Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5147M1 Datasheet(PDF) 95 Page - Texas Instruments

Part # TVP5147M1
Description  11-Bit Digital Video Decoder With Macrovision YPbPr Inputs, and 5-Line Comb Filter
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP5147M1 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TVP5147M1_16 Datasheet HTML 91Page - Texas Instruments TVP5147M1_16 Datasheet HTML 92Page - Texas Instruments TVP5147M1_16 Datasheet HTML 93Page - Texas Instruments TVP5147M1_16 Datasheet HTML 94Page - Texas Instruments TVP5147M1_16 Datasheet HTML 95Page - Texas Instruments TVP5147M1_16 Datasheet HTML 96Page - Texas Instruments TVP5147M1_16 Datasheet HTML 97Page - Texas Instruments TVP5147M1_16 Datasheet HTML 98Page - Texas Instruments TVP5147M1_16 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
TVP5147M1
www.ti.com
SLES140G – JULY 2005 – REVISED FEBRUARY 2012
3.4
Electrical Characteristics
For minimum/maximum values:
IOVDD = 3 V to 3.6 V, AVDD33 = 3 V to 3.6 V,
Commercial: AVDD18 = 1.65 V to 1.95 V, DVDD = 1.65 V to 1.95 V, TA = 0°C to 70°C
Industrial: AVDD18 = 1.7 V to 1.9 V, DVDD = 1.7 V to 1.9 V, TA = −40°C to 85°C
For typical values:
IOVDD = AVDD33 = 3.3 V, AVDD18 = DVDD = 1.8 V, TA = 25°C
3.5
DC Electrical Characteristics
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CVBS
6
IDDIO(D)
3.3-V IO digital supply current
mA
S-Video
6
CVBS
55
IDD(D)
1.8-V digital supply current
mA
S-Video
55
CVBS
24
IDD(33A)
3.3-V analog supply current
mA
S-Video
39
CVBS
79
IDD(18A)
1.8-V analog supply current
mA
S-Video
135
PTOT
Total power dissipation, normal operation
S-Video
490
mW
PSAVE
Total power dissipation, power save
100
mW
PDOWN
Total power dissipation, power down
10
mW
Ilkg
Input leakage current
10
µA
CI
Input capacitance(2)
8
pF
VOH
Output voltage high(2)
0.8 IOVDD
V
VOL
Output voltage low(2)
0.2 IOVDD
V
(1)
Measured with a load of 10 k
Ω in parallel to 15 pF.
(2)
Specified by design
3.6
Analog Processing and A/D Converters
FS = 30 MSPS for CH1, CH2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Zi
Input impedance, analog video inputs(1)
200
k
Ω
Ci
Input capacitance, analog video inputs(1)
10
pF
Vi(PP)
Input voltage range
Ccoupling = 0.1 µF
0.5
1
2
V
ΔG
Input gain control range(1)
–6
6
dB
DNL
Differential nonlinearity
AFE only
–1
±0.75
+1
LSB
INL
Integral nonlinearity
AFE only
–2.5
±1
+2.5
LSB
FR
Frequency response
Multiburst (60 IRE)
–0.9
dB
XTALK
Crosstalk(2)
1 MHz
–50
dB
SNR
Signal-to-noise ratio, all channels
1 MHz, 1 VPP
54
dB
GM
Gain match(1)(3)
Full scale, 1 MHz
1.5
%
NS
Noise spectrum
Luma ramp (100 kHz to full, tilt null)
–58
dB
DP
Differential phase
Modulated ramp
0.5
°
DG
Differential gain
Modulated ramp
±1.5
%
(1)
Specified by design
(2)
By characterization only
(3)
Component inputs only
Copyright © 2005–2012, Texas Instruments Incorporated
Electrical Specifications
95
Submit Documentation Feedback
Product Folder Link(s): TVP5147M1


Similar Part No. - TVP5147M1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5147M1IPFP TI-TVP5147M1IPFP Datasheet
1Mb / 101P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 101P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5147M1PFPG4 TI-TVP5147M1PFPG4 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
More results

Similar Description - TVP5147M1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5147PFP TI1-TVP5147PFP_16 Datasheet
1Mb / 100P
[Old version datasheet]   2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147PFP TI-TVP5147PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
TVP5147M1 TI-TVP5147M1_08 Datasheet
1Mb / 101P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5146M2 TI1-TVP5146M2 Datasheet
964Kb / 107P
[Old version datasheet]   NTSC/PAL/SECAM 4횞10-Bit Digital Video Decoder With Macrovision??Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
TVP5147M1PFP TI-TVP5147M1PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5146M2PFP_0708 TI-TVP5146M2PFP_0708 Datasheet
1Mb / 108P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2PFP TI-TVP5146M2PFP Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI1-TVP5146_12 Datasheet
1Mb / 109P
[Old version datasheet]   NTSC/PAL/SECAM 4x10-Bit Digital Video Decoder With Macrovision田?Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI-TVP5146 Datasheet
537Kb / 103P
[Old version datasheet]   NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com