Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VS83200J Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS42VS83200J
Description  32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS83200J Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS42VS83200J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS83200J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS83200J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS83200J Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VS83200J Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VS83200J Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42VS83200J Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42VS83200J Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42VS83200J Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Integrated Silicon Solution, Inc. - www.issi.com
Rev. B
2/5/2015
IS42VS83200J / IS42VS16160J / IS42VS32800J
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
Vdd max
Maximum Supply Voltage
–0.35 to +2.8
V
Vddq max
Maximum Supply Voltage for Output Buffer
–0.35 to +2.8
V
Vin
Input Voltage
–0.35 to Vddq + 0.5
V
Vout
Output Voltage
–0.35 to Vddq + 0.5
V
Pd max
Allowable Power Dissipation
1
W
Ics
output Shorted Current
50
mA
Topr
operating Temperature
–40 to +85
°C
Tstg
Storage Temperature
–65 to +150
°C
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. All voltages are referenced to Vss.
ELECTRICAL SPECIFICATIONS
DC RECOMMENDED OPERATING CONDITIONS
IS42VSxxx - 1.8V Operation
Symbol Parameters
Min.
Typ.
Max.
Unit
Vdd
Supply Voltage
1.7
1.8
1.95
V
Vddq
I/O Supply Voltage
1.7
1.8
1.95
V
Vih(1)
Input High Voltage
0.8xVddq
Vddq+0.3
V
Vil(2)
Input Low Voltage
-0.3
0.8
V
Iil
Input Leakage Current (0V
≤ Vin ≤ Vdd)
-1
+1
µA
Iol
Output Leakage Current (Output disabled, 0V
≤ Vout ≤ Vdd)
-1.5
+1.5
µA
Voh
Output High Voltage Current (Ioh = -100
mA)
0.9xVddq
V
Vol
Output Low Voltage Current (Iol = 100
mA)
0.2
V
Notes:
1. Vih (overshoot): Vih (max) = Vddq +1.2V (pulse width < 3ns).
2. Vil (undershoot): Vih (min) = -1.2V (pulse width < 3ns).
3. All voltages are referenced to Vss.
Symbol
Parameters
Min.
Max.
Unit
Cin1
Input Capacitance: CLK
2.5
3.5
pF
Cin2
Input Capacitance: All Other Input Pins
2.5
3.8
pF
Ci/o
Data Input/Output Capacitance: I/Os
4.0
6.0
pF
CAPACITANCE CHARACTERISTICS - x8, x16
Symbol
Parameters
Min.
Max.
Unit
Cin1
Input Capacitance: CLK
2.5
3.5
pF
Cin2
Input Capacitance: All Other Input Pins
2.5
3.8
pF
Ci/o
Data Input/Output Capacitance: I/Os
4.0
6.5
pF
CAPACITANCE CHARACTERISTICS - x32


Similar Part No. - IS42VS83200J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS83200D ISSI-IS42VS83200D Datasheet
1,005Kb / 61P
   Random column address every clock cycle
More results

Similar Description - IS42VS83200J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
46DR83200A ISSI-46DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com