Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VM16200D-75BLI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42VM16200D-75BLI
Description  1M x 16Bits x 2Banks Low Power Synchronous DRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM16200D-75BLI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42VM16200D-75BLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42VM16200D-75BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VM16200D-75BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VM16200D-75BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VM16200D-75BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM16200D-75BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM16200D-75BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM16200D-75BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM16200D-75BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
Rev. A | November 2015
www.issi.com - dram@issi.com
IS42/45SM/RM/VM16200D
1M x 16Bits x 2Banks Low Power Synchronous DRAM
Description
These IS42SM/RM/VM16200D are low power 33,554,432 bits CMOS Synchronous DRAM organized as 2 banks of 1,048,576 words x 16
bits. These products are offering fully synchronous operation and are referenced to a positive edge of the clock. All inputs and outputs
are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve high bandwidth. All input
and output voltage levels are compatible with LVCMOS.
JEDEC standard 3.3V, 2.5V, 1.8V power supply
• Auto refresh and self refresh
• All pins are compatible with LVCMOS interface
• 4K refresh cycle / 64ms
• Programmable Burst Length and Burst Type
- 1, 2, 4, 8 or Full Page for Sequential Burst
- 4 or 8 for Interleave Burst
• Programmable CAS Latency : 2,3 clocks
• All inputs and outputs referenced to the positive edge of the
system clock
• Data mask function by DQM
• Internal dual banks operation
• Burst Read Single Write operation
• Special Function Support
- PASR(Partial Array Self Refresh)
- Auto TCSR(Temperature Compensated Self Refresh)
- Programmable Driver Strength Control
- Full Strength or 1/2, 1/4, of Full Strength
- Deep Power Down Mode
• Automatic precharge, includes CONCURRENT Auto Precharge
Mode and controlled Precharge
Features
Copyright © 2015 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS42VM16200D-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM16200D ISSI-IS42VM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
More results

Similar Description - IS42VM16200D-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16400G ISSI-IS42SM16400G Datasheet
251Kb / 27P
   1M x 16Bits x 4Banks Low Power Synchronous DRAM
IS42VM16400G ISSI-IS42VM16400G Datasheet
253Kb / 27P
   1M x 16Bits x 4Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_08 Datasheet
862Kb / 30P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
M52D32162A ESMT-M52D32162A_09 Datasheet
813Kb / 32P
   1M x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com