Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8020BIPHPQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BIPHPQ1
Description  Automotive Two-Port USB 3.0 Hub
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8020BIPHPQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB8020BIPHPQ1 Datasheet HTML 1Page - Texas Instruments TUSB8020BIPHPQ1 Datasheet HTML 2Page - Texas Instruments TUSB8020BIPHPQ1 Datasheet HTML 3Page - Texas Instruments TUSB8020BIPHPQ1 Datasheet HTML 4Page - Texas Instruments TUSB8020BIPHPQ1 Datasheet HTML 5Page - Texas Instruments TUSB8020BIPHPQ1 Datasheet HTML 6Page - Texas Instruments TUSB8020BIPHPQ1 Datasheet HTML 7Page - Texas Instruments TUSB8020BIPHPQ1 Datasheet HTML 8Page - Texas Instruments TUSB8020BIPHPQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TUSB8020B-Q1
www.ti.com
SLLSEF7 – MARCH 2014
Terminal Functions
TERMINAL
TYPE(1)
DESCRIPTION
TERMINAL
NAME
NO.
Clock and Reset Signals
I
Global power reset. This reset brings all of the TUSB8020B-Q1 internal registers to their default states.
GRSTz
11
PU
When GRSTz is asserted, the device is completely nonfunctional.
Crystal input. This terminal is the crystal input for the internal oscillator. The input may alternately be
XI
38
I
driven by the output of an external oscillator. When using a crystal a 1-M
Ω feedback resistor is required
between XI and XO.
Crystal output. This terminal is the crystal output for the internal oscillator. If XI is driven by an external
XO
39
O
oscillator this pin may be left unconnected. When using a crystal a 1-M
Ω feedback resistor is required
between XI and XO.
USB Upstream Signals
USB_SSTXP_UP
29
O
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_UP
28
O
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_UP
32
I
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_UP
31
I
USB SuperSpeed receiver differential pair (negative)
USB_DP_UP
26
I/O
USB High-speed differential transceiver (positive)
USB_DM_UP
27
I/O
USB High-speed differential transceiver (negative)
USB_R1
24
I
Precision resistor reference. A 9.53-k
Ω ±1% resistor should be connected between USB_R1 and GND.
USB upstream port power monitor. The VBUS detection requires a voltage divider. The signal
USB_VBUS
9
I
USB_VBUS must be connected to VBUS through a 90.9-K
Ω ±1% resistor, and to ground through a
10-k
Ω ±1% resistor from the signal to ground.
USB Downstream Signals
USB_SSTXP_DN1
43
O
USB SuperSpeed transmitter differential pair (positive) Downstream Port 1.
USB_SSTXM_DN1
44
O
USB SuperSpeed transmitter differential pair (negative) Downstream Port 1.
USB_SSRXP_DN1
46
I
USB SuperSpeed receiver differential pair (positive) Downstream Port 1.
USB_SSRXM_DN1
47
I
USB SuperSpeed receiver differential pair (negative) Downstream Port 1.
USB_DP_DN1
41
I/O
USB High-speed differential transceiver (positive) Downstream Port 1.
USB_DM_DN1
42
I/O
USB High-speed differential transceiver (negative) Downstream Port 1.
USB Port 1 Power On Control for Downstream Power/Battery Charging Enable. The terminal is used for
control of the downstream power switch for Port 1.
In addition, the value of the terminal is sampled at the de-assertion of reset to determine the value of the
PWRCTL1/BATEN1
4
I/O, PD
battery charging support for Port 1 as indicated in the Battery Charging Support register.
0 = Battery charging not supported
1 = Battery charging supported
USB DS Port 1 Over-Current Detection input. This terminal is used to connect the over current output of
the downstream port power switch for Port 1.
0 = An over current event has occurred
OVERCUR1z
5
I, PU
1 = An over current event has not occurred
If power management is enabled, the external circuitry needed should be determined by the power
switch. In ganged mode either OVERCUR1z or OVERCUR2z can be used. In ganged mode the
overcurrent will be reported as a hub event instead of a port event.
USB_SSTXP_DN2
16
O
USB SuperSpeed transmitter differential pair (positive) Downstream Port 2.
USB_SSTXM_DN2
17
O
USB SuperSpeed transmitter differential pair (negative) Downstream Port 2.
USB_SSRXP_DN2
19
I
USB SuperSpeed receiver differential pair (positive) Downstream Port 2.
USB_SSRXM_DN2
20
I
USB SuperSpeed receiver differential pair (negative) Downstream Port 2.
USB_DP_DN2
14
I/O
USB High-speed differential transceiver (positive) Downstream Port 2.
USB_DM_DN2
15
I/O
USB High-speed differential transceiver (negative) Downstream Port 2.
Power On Control /Battery Charging Enable for Downstream Port 2. This terminal is used for control of
the downstream power switch for Port 2.
In addition, the value of the terminal is sampled at the de-assertion of reset to determine the value of the
PWRCTL2/BATEN2
6
I/O, PD
battery charging support for Port 2 as indicated in the Battery Charging Support register.
0 = Battery charging not supported
1 = Battery charging supported
(1)
I = input, O = output, I/O = input/output, PU = internal pullup resistor, PD = internal pulldown resistor, and PWR = power signal
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TUSB8020B-Q1


Similar Part No. - TUSB8020BIPHPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8020BIPHP TI1-TUSB8020BIPHP Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
TUSB8020BIPHPR TI1-TUSB8020BIPHPR Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
More results

Similar Description - TUSB8020BIPHPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Automotive Four-Port USB 3.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB4020BI TI1-TUSB4020BI_15 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com