Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM65MLVD080DGGR Datasheet(PDF) 4 Page - Texas Instruments

Part # SM65MLVD080DGGR
Description  8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD080DGGR Datasheet(HTML) 4 Page - Texas Instruments

  SM65MLVD080DGGR Datasheet HTML 1Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 2Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 3Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 4Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 5Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 6Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 7Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 8Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SN65MLVD080
SN65MLVD082
SLLS581A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
www.ti.com
4
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going differential input voltage
Type 1
50
mV
VIT+
Positive-going differential input voltage
threshold (A, B)
Type 2
150
mV
VIT−
Negative-going differential input voltage
Type 1
See Figure 9 and Table 1 and
−50
mV
VIT−
Negative-going differential input voltage
threshold (A, B)
Type 2
See Figure 9 and Table 1 and
Table 2
50
mV
VHYS
Differential input voltage hysteresis,
Type 1
Table 2
25
mV
VHYS
Differential input voltage hysteresis,
(VIT+ − VIT) (A, B)
Type 2
0
mV
VOH
High-level output voltage (R)
IOH = −8 mA
2.4
V
VOL
Low-level output voltage (R)
IOL = 8 mA
0.4
V
IIH
High-level input current (RE)
VIH = 2 V to VCC
−10
µA
IIL
Low-level input current (RE)
VIL = GND to 0.8 V
−10
µA
IOZ
High-impedance output current (R)
VO = 0 V or VCC
−10
15
µA
(1) All typical values are at 25°C and with a 3.3-V supply voltage.
BUS INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Receiver or transceiver with driver
VA = 3.8 V,
VB = 1.2 V,
0
32
IA
Receiver or transceiver with driver
disabled input current
VA = 0 V or 2.4 V,
VB = 1.2 V
−20
20
µA
IA
disabled input current
VA = −1.4 V,
VB = 1.2 V
−32
0
µA
Receiver or transceiver with driver
VB = 3.8 V,
VA = 1.2 V
0
32
IB
Receiver or transceiver with driver
disabled input current
VB = 0 V or 2.4 V,
VA = 1.2 V
−20
20
µA
IB
disabled input current
VB = −1.4 V,
VA = 1.2 V
−32
0
µA
IAB
Receiver or transceiver with driver
disabled differential input current
(IA − IB)
VA = VB,
−1.4
≤ VA ≤ 3.8 V
−4
4
µA
Receiver or transceiver power-off input
VA = 3.8 V,
VB = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
0
32
IA(OFF)
Receiver or transceiver power-off input
current
VA = 0 V or 2.4 V,
VB = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
−20
20
µA
IA(OFF)
current
VA = −1.4 V,
VB= 1.2 V,
0 V
≤ VCC ≤ 1.5 V
−32
0
µA
Receiver or transceiver power-off input
VB = 3.8 V,
VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
0
32
IB(OFF)
Receiver or transceiver power-off input
current
VB = 0 V or 2.4 V,
VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
−20
20
µA
IB(OFF)
current
VB = −1.4 V,
VA = 1.2 V, 0 V ≤ VCC ≤ 1.5 V
−32
0
µA
IAB(OFF)
Receiver input or transceiver
power-off differential input current
(IA(off) − IB(off))
VA = VB, 0 V ≤ VCC ≤ 1.5 V, −1.4 ≤ VA ≤ 3.8 V
−4
4
µA
CA
Transceiver with driver disabled input
capacitance
VA = 0.4 sin (30E6πt) + 0.5V(2), VB =1.2 V
5
pF
CB
Transceiver with driver disabled input
capacitance
VB = 0.4 sin (30E6πt) + 0.5V(2), VA =1.2 V
5
pF
CAB
Transceiver with driver disabled
differential input capacitance
VAB = 0.4 sin (30E6πt)V (2)
3
pF
CA/B
Transceiver with driver disabled input
capacitance balance, (CA/CB)
0.99
1.01
(1) All typical values are at 25°C and with a 3.3-V supply voltage.
(2) HP4194A impedance analyzer (or equivalent)


Similar Part No. - SM65MLVD080DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results

Similar Description - SM65MLVD080DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
logo
Texas Instruments
DS91C176 TI1-DS91C176_14 Datasheet
1,007Kb / 20P
[Old version datasheet]   100 MHz Single Channel M-LVDS Transceivers
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com