Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD080DGG Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080DGG
Description  8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080DGG Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD080DGG Datasheet HTML 1Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 2Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 3Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 4Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 5Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 6Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 7Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 8Page - Texas Instruments SN65MLVD080DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN65MLVD080
SN65MLVD082
SLLS581A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
RECEIVER TYPE
PACKAGE MARKING
PACKAGE/CARRIER
SN65MLVD080DGG
Type 1
MLVD080
64-Pin TSSOP/Tube
SM65MLVD080DGGR
Type 1
MLVD080
64-Pin TSSOP/Tape and Reeled
SN65MLVD082DGG
Type 2
MLVD082
64-Pin TSSOP/Tube
SM65MLVD082DGGR
Type 2
MLVD082
64-Pin TSSOP/Tape and Reeled
PACKAGE DISSIPATION RATINGS
PACKAGE
PCB JEDEC
STANDARD
TA ≤ 25°C
POWER RATING
DERATING FACTOR(1)
ABOVE TA = 25°C
TA = 85°C
POWER RATING
DGG
Low-K(2)
1204.7 mW
10.5 mW/
_C
576 mW
DGG
High-K(3)
1839.4 mW
16.0 mW/
_C
880 mw
(1) This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2) In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3) In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Junction-to-board thermal resistance,
ΘJB
41.08
°C/W
Junction-to-case thermal resistance,
ΘJC
6.78
°C/W
VCC = 3.3 V, DE = VCC, RE = GND, CL = 15 pF,
RL = 50 Ω, 250 Mbps random data on each input
477
Device power dissipation
VCC = 3.6 V, DE = VCC, RE = GND, CL = 15 pF,
RL = 50 Ω, 250 Mbps data on one input and 125
MHz clock on the others
854(1)
mW
(1) When all channels are running at a 125-MHz clock frequency, a 250 lfm is required for a low-K board, and 150 lfm is required for a high-K board.
In such applications, a TI 1:8 or dual 1:4 M-LVDS buffer is highly recommended, SN65MLVD128 or SN65MLVD129, to fan out clock signals in
multiple paths.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
SN65MLVD080, 082
Supply voltage range(2), VCC
−0.5 V to 4 V
Input voltage range
D, DE, RE
−0.5 V to 4 V
Input voltage range
A, B
−1.8 V to 4 V
Output voltage range
R
−0.3 V to 4 V
Output voltage range
A, or B
−1.8 V to 4 V
Human Body Model(3)
A, B
±8 kV
Electrostatic discharge
Human Body Model(3)
All pins
±2 kV
Electrostatic discharge
Charged-Device Model(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
−65
°C to 150°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114−A.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101.


Similar Part No. - SN65MLVD080DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080DGG TI-SN65MLVD080DGG Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080DGGG4 TI-SN65MLVD080DGGG4 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080DGGR TI-SN65MLVD080DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080DGGRG4 TI-SN65MLVD080DGGRG4 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results

Similar Description - SN65MLVD080DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
logo
Texas Instruments
DS91C176 TI1-DS91C176_14 Datasheet
1,007Kb / 20P
[Old version datasheet]   100 MHz Single Channel M-LVDS Transceivers
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com