Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB7340IRKMR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340IRKMR
Description  USB 3.0 xHCI Host Controller
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340IRKMR Datasheet(HTML) 1 Page - Texas Instruments

  TUSB7340IRKMR Datasheet HTML 1Page - Texas Instruments TUSB7340IRKMR Datasheet HTML 2Page - Texas Instruments TUSB7340IRKMR Datasheet HTML 3Page - Texas Instruments TUSB7340IRKMR Datasheet HTML 4Page - Texas Instruments TUSB7340IRKMR Datasheet HTML 5Page - Texas Instruments TUSB7340IRKMR Datasheet HTML 6Page - Texas Instruments TUSB7340IRKMR Datasheet HTML 7Page - Texas Instruments TUSB7340IRKMR Datasheet HTML 8Page - Texas Instruments TUSB7340IRKMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
PC
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
TUSB7340
PCIe Gen2
To
USB 3.0
Host Controller
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
TUSB73x0 USB 3.0 xHCI Host Controller
1 Features
2 Applications
1
USB 3.0-Compliant xHCI Host Controller
Notebooks
Desktop Computers
PCIe x1 Gen2 Interface
Workstations
Four Downstream Ports
Servers
Two or Four Downstream Ports
Add-In Cards and ExpressCard Implementations
Each Downstream Port
PCI Express-Based Embedded Host Controllers
May Be Independently Enabled or Disabled
for HDTVs, Set-Top Boxes and Gaming Console
Has Adjustments for Transmit Swing, De-
Applications
Emphasis, and Equalization Settings
May Be Marked as Removable or
3 Description
Nonremovable
The TUSB7320 supports up to two downstream ports.
Has Independent Power Control and
The TUSB7340 is a USB 3.0-compliant xHCI host
Overcurrent Detection
controller that supports up to four downstream ports.
Requires No External Flash for Default
Both parts are available in a pin-compatible 100-pin
RKM package. For the remainder of this document,
Configuration
the name TUSB73x0 is used to reference both the
Optional Serial EEPROM for Custom
TUSB7320 and the TUSB7340.
Configuration
The TUSB73x0 interfaces to the host system through
Internal Spread Spectrum Generation
a PCIe x1 Gen 2 interface and provides SuperSpeed,
Low-Cost Crystal or Oscillator Support
high-speed, full-speed, or low-speed connections on
Best-In-Class Adaptive Receiver Equalizer Design
the downstream USB ports.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB7320
WQFN-MR (100)
9.00 mm × 9.00 mm
TUSB7340
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB7340IRKMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB7340IRKMR TI1-TUSB7340IRKMR Datasheet
1Mb / 115P
[Old version datasheet]   USB 3.0 xHCI HOST CONTROLLER
More results

Similar Description - TUSB7340IRKMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB7320 TI1-TUSB7320 Datasheet
1Mb / 115P
[Old version datasheet]   USB 3.0 xHCI HOST CONTROLLER
logo
List of Unclassifed Man...
EJ168A ETC-EJ168A Datasheet
1Mb / 11P
   USB 3.0 Host Controller
Revision 1.4 Nov 5, 2019
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
   SuperSpeed USB 3.0 Host-to-Host Bridge Controller
logo
Renesas Technology Corp
UPD720101GJ-UEN-A RENESAS-UPD720101GJ-UEN-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
logo
OKI electronic componet...
ML60841 OKI-ML60841 Datasheet
606Kb / 74P
   USB Host Device controller LSI
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com