Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB7320RKMR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320RKMR
Description  USB 3.0 xHCI Host Controller
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320RKMR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB7320RKMR Datasheet HTML 4Page - Texas Instruments TUSB7320RKMR Datasheet HTML 5Page - Texas Instruments TUSB7320RKMR Datasheet HTML 6Page - Texas Instruments TUSB7320RKMR Datasheet HTML 7Page - Texas Instruments TUSB7320RKMR Datasheet HTML 8Page - Texas Instruments TUSB7320RKMR Datasheet HTML 9Page - Texas Instruments TUSB7320RKMR Datasheet HTML 10Page - Texas Instruments TUSB7320RKMR Datasheet HTML 11Page - Texas Instruments TUSB7320RKMR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
6 Specifications
See the PCIe and USB specifications referred to in Related Documents for the electrical characteristics of those
interfaces.
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD33
–0.5
3.6
V
Supply voltage
VDDA_3P3
–0.5
3.6
V
VDD11
–0.3
1.4
V
PCI Express (RX)
0
1.2
V
PCI Express REFCLK (single-ended)
–0.5
VDD33 + 0.5
V
VI
Input voltage
REFCLK (differential)
–0.3
1.15
V
Miscellaneous 3.3 V IO
–0.5
VDD33 + 0.5
V
PCI Express (TX)
0.8
1.2
V
VO
Output voltage
Miscellaneous 3.3 V IO
–0.5
VDD33 + 0.5
V
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD33
3
3.3
3.6
V
Supply voltage range
VDDA_3P3
3
3.3
3.6
VDD11(1)
0.99
1.1
1.21
V
0
70
TA
Operating free-air temperature range
°C
Industrial version
–40
85
0
105
TJ
Operating junction temperature range
°C
Industrial version
–40
105
(1)
A 1.05-V supply may be used as long as minimum supply conditions are met.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340


Similar Part No. - TUSB7320RKMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB7320RKMR TI1-TUSB7320RKMR Datasheet
1Mb / 115P
[Old version datasheet]   USB 3.0 xHCI HOST CONTROLLER
More results

Similar Description - TUSB7320RKMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB7320 TI1-TUSB7320 Datasheet
1Mb / 115P
[Old version datasheet]   USB 3.0 xHCI HOST CONTROLLER
logo
List of Unclassifed Man...
EJ168A ETC-EJ168A Datasheet
1Mb / 11P
   USB 3.0 Host Controller
Revision 1.4 Nov 5, 2019
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
   SuperSpeed USB 3.0 Host-to-Host Bridge Controller
logo
Renesas Technology Corp
UPD720101GJ-UEN-A RENESAS-UPD720101GJ-UEN-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
logo
OKI electronic componet...
ML60841 OKI-ML60841 Datasheet
606Kb / 74P
   USB Host Device controller LSI
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
   Hi-Speed USB Host to Host Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com