Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-E0-0000-00000UBE6 Datasheet(PDF) 4 Page - Cree, Inc

Part # XTEAWT-E0-0000-00000UBE6
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-E0-0000-00000UBE6 Datasheet(HTML) 4 Page - Cree, Inc

  XTEAWT-E0-0000-00000UBE6 Datasheet HTML 1Page - Cree, Inc XTEAWT-E0-0000-00000UBE6 Datasheet HTML 2Page - Cree, Inc XTEAWT-E0-0000-00000UBE6 Datasheet HTML 3Page - Cree, Inc XTEAWT-E0-0000-00000UBE6 Datasheet HTML 4Page - Cree, Inc XTEAWT-E0-0000-00000UBE6 Datasheet HTML 5Page - Cree, Inc XTEAWT-E0-0000-00000UBE6 Datasheet HTML 6Page - Cree, Inc XTEAWT-E0-0000-00000UBE6 Datasheet HTML 7Page - Cree, Inc XTEAWT-E0-0000-00000UBE6 Datasheet HTML 8Page - Cree, Inc XTEAWT-E0-0000-00000UBE6 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® XT-E LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C)
The following tables provide order codes for Standard XLamp XT-E White LEDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 39). For definitions of the chromaticity kits, please see the Cree’s Standard
Chromaticity Kits section (page 38).
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
51
6200 K
S3
156
171
XTEAWT-00-0000-
000000K51
XTEAWT-00-0000-
00000BK51
S2
148
163
XTEAWT-00-0000-
000000J51
XTEAWT-00-0000-
00000BJ51
R5
139
153
XTEAWT-00-0000-
000000H51
XTEAWT-00-0000-
00000BH51
XTEAWT-00-0000-
00000HH51
R4
130
143
XTEAWT-00-0000-
000000G51
XTEAWT-00-0000-
00000BG51
XTEAWT-00-0000-
00000HG51
R3
122
134
XTEAWT-00-0000-
000000F51
XTEAWT-00-0000-
00000BF51
XTEAWT-00-0000-
00000HF51
R2
114
125
XTEAWT-00-0000-
000000E51
XTEAWT-00-0000-
00000BE51
XTEAWT-00-0000-
00000HE51
Q5
107
118
XTEAWT-00-0000-
00000HD51
53
6000 K
S3
156
171
XTEAWT-00-0000-
000000K53
XTEAWT-00-0000-
00000BK53
S2
148
163
XTEAWT-00-0000-
000000J53
XTEAWT-00-0000-
00000BJ53
R5
139
153
XTEAWT-00-0000-
000000H53
XTEAWT-00-0000-
00000BH53
XTEAWT-00-0000-
00000HH53
R4
130
143
XTEAWT-00-0000-
000000G53
XTEAWT-00-0000-
00000BG53
XTEAWT-00-0000-
00000HG53
R3
122
134
XTEAWT-00-0000-
000000F53
XTEAWT-00-0000-
00000BF53
XTEAWT-00-0000-
00000HF53
R2
114
125
XTEAWT-00-0000-
000000E53
XTEAWT-00-0000-
00000BE53
XTEAWT-00-0000-
00000HE53
Q5
107
118
XTEAWT-00-0000-
00000HD53


Similar Part No. - XTEAWT-E0-0000-00000UBE6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000EF4 CREE-XTEAWT-00-0000-000000EF4 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XTEAWT-00-0000-000000FE3 CREE-XTEAWT-00-0000-000000FE3 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XTEAWT-00-0000-000000FF4 CREE-XTEAWT-00-0000-000000FF4 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XTEAWT-00-0000-000000G51 CREE-XTEAWT-00-0000-000000G51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-E0-0000-00000UBE6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com