Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4020BIPHPQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4020BIPHPQ1
Description  Two-Port USB 2.0 Hub
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4020BIPHPQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB4020BIPHPQ1 Datasheet HTML 6Page - Texas Instruments TUSB4020BIPHPQ1 Datasheet HTML 7Page - Texas Instruments TUSB4020BIPHPQ1 Datasheet HTML 8Page - Texas Instruments TUSB4020BIPHPQ1 Datasheet HTML 9Page - Texas Instruments TUSB4020BIPHPQ1 Datasheet HTML 10Page - Texas Instruments TUSB4020BIPHPQ1 Datasheet HTML 11Page - Texas Instruments TUSB4020BIPHPQ1 Datasheet HTML 12Page - Texas Instruments TUSB4020BIPHPQ1 Datasheet HTML 13Page - Texas Instruments TUSB4020BIPHPQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
VBUS
Detect
USB 2.0 Hub
Oscillator
XI
XO
Clock
and
Reset
Distribution
Control
Registers
GPIO
I
2
C
SMBUS
Power
Distribution
VDD33
VSS
GRSTz
SCL/SMBCLK
SDA/SMBDAT
SMBUSz
PWRCTL1/BATEN1
OVERCUR1z
PWRCTL2/BATEN2
OVERCUR2z
PWRCTL_POL
GANGED/SMBA2/HS_UP
FULLPWRMGMTz/SMBA1
VDD
TEST
OTP
ROM
TUSB4020BI-Q1
SLLSEI1 – JULY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TUSB4020BI-Q1 is a two-port USB 2.0 hub. It provides USB high-speed/full-speed connections on the
upstream port and provides USB high-speed, full-speed, or low-speed connections on the downstream ports.
When the upstream port is connected to an electrical environment that supports high-speed and full-
speed/low-speed connections, USB high-speed and full-speed/low-speed connectivity is enabled on the
downstream ports. When the upstream port is connected to an electrical environment that only supports full-
speed/low-speed connections, USB high-speed connectivity are disabled on the downstream ports.
8.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4020BI-Q1


Similar Part No. - TUSB4020BIPHPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BIPHP TI1-TUSB4020BIPHP Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BIPHPR TI1-TUSB4020BIPHPR Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
More results

Similar Description - TUSB4020BIPHPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI_15 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI_16 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
188Kb / 1P
   5-port USB 2.0 Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com