Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E522.01 Datasheet(PDF) 2 Page - ELMOS Semiconductor AG

Part # E522.01
Description  Wide input voltage range 4.5V to 40V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.01 Datasheet(HTML) 2 Page - ELMOS Semiconductor AG

  E522.01 Datasheet HTML 1Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 2Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 3Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 4Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 5Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 6Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 7Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 8Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.03
PRODUCTION DATA - AUG 13, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
1 Functional Diagram
Figure 1: Block diagram
2 Pinout
Figure 2: Package pinout, transparent top view, not to scale.
2.1 Pin Configuration QFN20L4 / TSSOP16
QFN20L4
Bottom Side
Pin 1
1
OCP
NC
NC
NC
AGND
NC
NC
NC
NC
NC
2
3
4
5
15 14 13 12 11
10
9
8
7
6
16
17
18
19
20
21
E522.0x
TSSOP16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VIN
NC
ON
NC
PGOOD
NC
AGND
NC
LXT
NC
PGND
SENSE
NC
NC
OCP
OCP
Resistor
Driver
Internal
Driver
Transistor
E522.0X
LXT
VIN
DRIVER
ACTIVE
SENSE
OC OFF
IDLE
PFM
Controller
AGND
OCP
IDLE
Detector
IDLE
Power Good
Comparator
VOUT
Comparator
PGND
SENSE
Internal
Supply
VIN
ON
PGOOD
OVT
ENABLE


Similar Part No. - E522.01

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
   LOW QUIESCENT CURRENT STEP DOWN CONVERTER
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
   SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
   CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
E522.32 ELMOS-E522.32 Datasheet
215Kb / 2P
   SWITCH-MODE SONSTANT CURRENT LED CONTROLLER FAMILY
E522.32 ELMOS-E522.32_16 Datasheet
167Kb / 2P
   2 CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
More results

Similar Description - E522.01

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
   Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
   Wide 4.5V to 36V Input Range
Rev 0; 3/19
logo
Shenzhen Huazhimei Semi...
HM8114H HMSEMI-HM8114H Datasheet
749Kb / 8P
   Wide 4.5V to 30V Operating input Range
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102_14 Datasheet
706Kb / 17P
   Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690 Datasheet
714Kb / 22P
   4.5V to 60V Input Voltage Range
Rev 1; 12/16
logo
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
   Wide Input Supply Range: 10V to 40V
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com