Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E521.41 Datasheet(PDF) 10 Page - ELMOS Semiconductor AG

Part # E521.41
Description  Transceiver compliant with PSI5 standard v1.3 and v2.1
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E521.41 Datasheet(HTML) 10 Page - ELMOS Semiconductor AG

Back Button E521.41 Datasheet HTML 6Page - ELMOS Semiconductor AG E521.41 Datasheet HTML 7Page - ELMOS Semiconductor AG E521.41 Datasheet HTML 8Page - ELMOS Semiconductor AG E521.41 Datasheet HTML 9Page - ELMOS Semiconductor AG E521.41 Datasheet HTML 10Page - ELMOS Semiconductor AG E521.41 Datasheet HTML 11Page - ELMOS Semiconductor AG E521.41 Datasheet HTML 12Page - ELMOS Semiconductor AG E521.41 Datasheet HTML 13Page - ELMOS Semiconductor AG E521.41 Datasheet HTML 14Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
4 Channel Multi-Mode PSI5 Transceiver
E521.41
PRODUCTION DATA – Apr 27, 2016
4 Operating Conditions
Stresses beyond these absolute maximum ratings listed below may cause permanent damage to the device. These
are stress ratings only; operation of the device at these or any other conditions beyond those listed in the opera-
tional sections of this document is not implied. Exposure to absolute maximum rated conditions for extended peri-
ods may affect device reliability. All voltages referred to V(GND). Currents flowing into terminals are positive, those
drawn out of a terminal are negative.
4.1 Absolute Maximum Ratings
Table 4.1-1: ESD requirements
No.
Description
Condition
Symbol
Min
Max
Unit
1
ESD according Human Body Model (HBM),
Q100-002
Ω
for pins SIFx; VSUPPLY; (100pF/1.5k )
ESD pins
SIFX,VSUPPL
Y
±4000
V
2
ESD according Human Body Model (HBM),
Q100-002
Ω
for all other pins; (100pF/1,5k )
ESD all other
pins
±2000
V
3
ESD according Charged Device Model (CDM),
Q100-011
Corner pins
ESD corner
pins CDM
±750
V
4
ESD according Charged Device Model (CDM),
Q100-011
Non-corner pins
ESD non
corner pins
CDM
±450
V
5
Input voltage range (supply from ECU)
VSUPPPLY
-0.3
40
V
6
VBUS voltage range
VBUS
-0.3
40
V
7
NMOS gate voltage at pin VG
VG
-0.3
40
V
8
Voltage of charge pump fly cap. - negative pin
VCP1
-0.3
40
V
9
Voltage of charge pump fly cap. - positive pin
VCP2
-0.3
40
V
10
Voltage of charge pump storage capacitor or
CSYNC voltage supply (from ECU)
VSYNC
-0.3
40
V
11
Voltage at sensor interface
X=1-4
VSIF_X
-0.3
40
V
12
Supply voltage for analog blocks and digital I/O
pins
VDD
-0.3
19
V
13
Voltage of digital input pins
VIN_DIG
-0.3
19
V
14
Voltage of the digital outputs pins
VOUT_DIG
-0.3
19
V
15
Voltage of NRES and testmode pin
VNRES
-0.3
19
V
16
Junction temperature
TJ
-40
150
oC
17
Storage temperature
TSTG
-40
125
oC
18
Ambient operating temperature range
TAMB
-40
125
oC
19
Thermal Resistance (junction-ambient) (refer to
application notes of QFN-packages, thermal con-
nection of exposed die pad very important)
RTJA
23
K/W
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0109E.06
10 / 89


Similar Part No. - E521.41

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E521.40 ELMOS-E521.40 Datasheet
1Mb / 84P
   Transceiver compliant with PSI5 standard v1.3 and v2.1
More results

Similar Description - E521.41

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E521.40 ELMOS-E521.40 Datasheet
1Mb / 84P
   Transceiver compliant with PSI5 standard v1.3 and v2.1
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
   PSI5 Transceiver IC
STLC2690 STMICROELECTRONICS-STLC2690 Datasheet
117Kb / 6P
   Bluetooth V2.1 and FM RDS transceiver system-on-chip
logo
Delta Electronics, Inc.
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
   Complies with SFX 12V V2.1
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
   Compliant with DALI Standard
logo
NXP Semiconductors
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
[Old version datasheet]   IrDA COMPLIANT TRANSCEIVER
logo
List of Unclassifed Man...
LPC2478-32 ETC2-LPC2478-32 Datasheet
403Kb / 6P
   OEM Board v1.3 DS
logo
Freescale Semiconductor...
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com