Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E521.40 Datasheet(PDF) 11 Page - ELMOS Semiconductor AG

Part # E521.40
Description  Transceiver compliant with PSI5 standard v1.3 and v2.1
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E521.40 Datasheet(HTML) 11 Page - ELMOS Semiconductor AG

Back Button E521.40 Datasheet HTML 7Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 8Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 9Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 10Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 11Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 12Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 13Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 14Page - ELMOS Semiconductor AG E521.40 Datasheet HTML 15Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
2 Channel Multi-Mode PSI5 Transceiver
E521.40
Production Data – Apr 27, 2016
4.2 Recommended Operating Conditions
Parameters are guaranteed within the range of recommended operating conditions unless otherwise specified.
All voltages are referred to ground (0V). Currents flowing into the circuit have positive values.
The first electrical potential connected to the IC must be GND. (If not specified specify timing sequence of electrical
contacts.)
Table 4.2-1: Recommended Operation Conditions
No.
Description
Condition
Symbol
Min
Typ
Max
Unit
1
Input voltage range at pin VSUPPLY1)
Application with
LDO and
external NMOS
transistor;
low voltage
mode;
VSUPPLY_lp
5.3
19
V
2
Input voltage range at pin VSUPPLY1)
Application with
LDO and
external NMOS
transistor;
standard voltage
mode;
VSUPPLY_std
6.95
19
V
3
Input voltage range at pin VSUPPLY1)
Application with
LDO and
external NMOS
transistor;
increased
voltage mode;
VSUPPLY_inc
8.0
19
V
4
Input voltage range at pin VBUS limited
range2)
Application with
(externally gen-
erated) available
VBUS voltage;
@ ISIFX_OP=0-
25mA
LDO is disabled
VBUS_SUP_lr
4.6
5.05
V
5
Input voltage range at pin VBUS full range3)
Application with
(externally gen-
erated) available
VBUS voltage;
@ ISIFX_OP=0-
65mA
LDO is disabled
VBUS_SUP_fr
5.05
11
V
6
VBUS voltage ripple;
50Hz<f<50kHz3)
Application with
(externally gen-
erated) available
VBUS voltage;
LDO is disabled
VBUS_SUP_RPL
100
mVpp
7
VBUS voltage ripple;
50kHz<f<500kHz3)
Application with
(externally gen-
erated) available
VBUS voltage;
LDO is disabled
VBUS_SUP_RPL
40
mVpp
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0110E.04
11 / 84


Similar Part No. - E521.40

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E521.41 ELMOS-E521.41 Datasheet
1Mb / 89P
   Transceiver compliant with PSI5 standard v1.3 and v2.1
More results

Similar Description - E521.40

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E521.41 ELMOS-E521.41 Datasheet
1Mb / 89P
   Transceiver compliant with PSI5 standard v1.3 and v2.1
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
   PSI5 Transceiver IC
STLC2690 STMICROELECTRONICS-STLC2690 Datasheet
117Kb / 6P
   Bluetooth V2.1 and FM RDS transceiver system-on-chip
logo
Delta Electronics, Inc.
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
   Complies with SFX 12V V2.1
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
   Compliant with DALI Standard
logo
NXP Semiconductors
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
[Old version datasheet]   IrDA COMPLIANT TRANSCEIVER
logo
List of Unclassifed Man...
LPC2478-32 ETC2-LPC2478-32 Datasheet
403Kb / 6P
   OEM Board v1.3 DS
logo
Freescale Semiconductor...
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com