Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E520.14 Datasheet(PDF) 7 Page - ELMOS Semiconductor AG

Part # E520.14
Description  Provides four HS-CAN physical interfaces
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E520.14 Datasheet(HTML) 7 Page - ELMOS Semiconductor AG

Back Button E520.14 Datasheet HTML 3Page - ELMOS Semiconductor AG E520.14 Datasheet HTML 4Page - ELMOS Semiconductor AG E520.14 Datasheet HTML 5Page - ELMOS Semiconductor AG E520.14 Datasheet HTML 6Page - ELMOS Semiconductor AG E520.14 Datasheet HTML 7Page - ELMOS Semiconductor AG E520.14 Datasheet HTML 8Page - ELMOS Semiconductor AG E520.14 Datasheet HTML 9Page - ELMOS Semiconductor AG E520.14 Datasheet HTML 10Page - ELMOS Semiconductor AG E520.14 Datasheet HTML 11Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Quad CAN transceiver
E520.14
PRODUCTION DATA – FEB 4, 2014
3 Electrical Characteristics
3.1 Power Supply and References; pins VS, VIO, VCC, GND
No.
Description
Condition
Symbol
Min
Typ
Max
Unit
1
Current consumption in state
SLEEP, all wake up sources
enabled
State SLEEP,
VVS = VWK = 13.5V,
all wake up
sources enabled
IVS,SLEEP,1
35
50
µA
2
Current consumption in state
SLEEP, WK wake up source
enabled only
State SLEEP,
VVS = VWK = 13.5V,
WK wake up
source enabled
only
IVS,SLEEP,2
15
25
µA
3
Current share for CAN wake up
capability1)
VVS = 13.5V
IVS,CAN,SLEEP
5
µA
4
Current share for WK wake up
capability1)
VVS = 13.5V
IVS,WK,SLEEP
2
µA
1)
Not production tested
Table 1: Characteristics SLEEP
No.
Description
Condition
Symbol
Min
Typ
Max
Unit
1
Current consumption in state
STANDBY, no activity on CAN
busses, all wake up sources
enabled
VVS = 13.5V,
all wake up
sources enabled
IVS,STB,1
95
150
µA
2
Current consumption in state
STANDBY, WK wake up source
enabled only
VVS = 13.5V,
WK wake up
source enabled
only
IVS,STB,2
75
120
µA
3
Current share for CAN wake up
capability1)
VVS = 13.5V
IVS,CAN,STB
5
µA
4
Current share for WK wake up
capability1)
VVS = 13.5V
IVS,WK,STB
2
µA
5
Current in VCC in state standby1)
VVCC = 5.0V
IVCC,STB
10
µA
1)
Not production tested
Table 2: Characteristics STANDBY
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
Elmos Semiconductor AG
Data Sheet 7 / 41
QM-No.: 25DS2014E.02


Similar Part No. - E520.14

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E520.01 ELMOS-E520.01 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
E520.02 ELMOS-E520.02 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
E520.03 ELMOS-E520.03 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
E520.08 ELMOS-E520.08 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
E520.24 ELMOS-E520.24 Datasheet
230Kb / 2P
   Universal Smoke Detector Controller
More results

Similar Description - E520.14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2004 TI1-TNETE2004_09 Datasheet
752Kb / 47P
[Old version datasheet]   MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
TNETE2004 TI-TNETE2004 Datasheet
723Kb / 46P
[Old version datasheet]   MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
TNETE2008 TI1-TNETE2008 Datasheet
489Kb / 33P
[Old version datasheet]   OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
logo
Analog Devices
LT3960 AD-LT3960 Datasheet
1Mb / 22P
   I2C to CAN-Physical Transceiver
LT3960 AD-LT3960_V01 Datasheet
1Mb / 22P
   I2C to CAN-Physical Transceiver
Rev. B
logo
National Instruments Co...
777357-01 NI-777357-01 Datasheet
520Kb / 6P
   Controller Area Network (CAN) Interfaces
logo
Injoinic Technology Co....
IP2721 INJOINIC-IP2721 Datasheet
673Kb / 7P
   TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
2017
logo
Renesas Technology Corp
HD404449 RENESAS-HD404449 Datasheet
438Kb / 125P
   microcomputer has four timers, two serial interfaces, A/D converter,
logo
National Semiconductor ...
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com