Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RACV12-24-LP Datasheet(PDF) 1 Page - Recom International Power

Part # RACV12-24-LP
Description  Terminal Block Input/Output with Cable Clamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACV12-24-LP Datasheet(HTML) 1 Page - Recom International Power

  RACV12-24-LP Datasheet HTML 1Page - Recom International Power RACV12-24-LP Datasheet HTML 2Page - Recom International Power RACV12-24-LP Datasheet HTML 3Page - Recom International Power RACV12-24-LP Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L-1
REV.: 0/2016
www.recom-power.com
12 Watt
Constant
Voltage Single
Output
AC/DC Converter
Features
LED
Driver
• Low Profile Case (13mm height max.)
• 12V and 24V Constant Voltage Outputs
• Terminal Block Input/Output with Cable Clamps
• Fully Protected (OLP, SCP, OCP, OTP)
• low Standby Power, ErP conform
• low cost
RACV12-LP
Description
These low profile constant voltage LED drivers have been designed for cost-sensitive applications.
The SELV outputs are suitable for both independently supplied or built-in power-supply LED luminaires.
Their low profile design allows them to be invisibly built into furniture, discreetly mounted under shelves
or integrated in space-restricted applications such as coving lighting, strip lighting or troffer lighting sys-
tems. The power supplies are short circuit and overload protected and come with a full 3-year warranty.
Selection Guide
Part
nom. Input
Input
Output
Output
Efficiency
Output
Number
Voltage
Current
Voltage
Current Range
typ.
Power max.
[VAC]
[mA]
[VDC]
[mA]
[%]
[W]
RACV12-12-LP
230
130
12
0-1000
78
12W
RACV12-24-LP
230
130
24
0-500
80
12W
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
198VAC
230VAC
264VAC
Inrush Current
8A
Start-up Time
50ms
Input Frequency Range
47Hz
63Hz
No Load Power Consumption
0.4W
Power Factor
full load, 230VAC
0.55
Internal Operating Frequency
full load
35kHz
140kHz
Output Ripple Voltage (1)
12Vout
24Vout
600mVp-p
500mVp-p
Specifications (measured @ ta= 25°C, 240VAC and rated load)
All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±5% max.
Line Regulation
3% max.
Load Regulation
3% max.
Notes:
Note1: Measured at 20MHz BW using 0.1µF & 47µF parallel capacitor.
ERP
compliant
IEC/EN61347-1 Certified
IEC/EN61347-2-13 Certified
ENEC Certified
CB Report
EN55015 Compliant


Similar Part No. - RACV12-24-LP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
RACV04-12 RECOM-RACV04-12 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
RACV04-24 RECOM-RACV04-24 Datasheet
1Mb / 4P
   low Standby Power, ErP conform
RACV06-12-LP RECOM-RACV06-12-LP Datasheet
464Kb / 4P
   Terminal Block Input/Output with Cable Clamps
RACV06-24-LP RECOM-RACV06-24-LP Datasheet
464Kb / 4P
   Terminal Block Input/Output with Cable Clamps
More results

Similar Description - RACV12-24-LP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12-LP RECOM-RACD12-LP Datasheet
464Kb / 4P
   Terminal Block Input/Output with Cable Clamps
RACV06-LP RECOM-RACV06-LP Datasheet
464Kb / 4P
   Terminal Block Input/Output with Cable Clamps
RACV20-LP RECOM-RACV20-LP Datasheet
464Kb / 4P
   Terminal Block Input/Output with Cable Clamps
RACD20-LP RECOM-RACD20-LP Datasheet
464Kb / 4P
   Terminal Block Input/Output with Cable Clamps
RACD06-LP RECOM-RACD06-LP Datasheet
463Kb / 4P
   Terminal Block Input/Output with Cable Clamps
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com