Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S20T100CB Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # S20T100CB
Description  Dual Schottky Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S20T100CB Datasheet(HTML) 2 Page - Mospec Semiconductor

  S20T100CB Datasheet HTML 1Page - Mospec Semiconductor S20T100CB Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S20T100CB
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
TJ=25℃
TJ=125℃
FIG-3 TYPICAL REVERSE CHARACTERISTICS
FIG-4 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (Volts)
REVERSE VOLTAGE (Volts)
TJ=25℃
TJ=125℃
FIG-5 PEAK FORWARD SURGE CURRENT
0
100
200
300
400
500
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
NUMBER OF CYCLES AT 60 Hz
JN-A


Similar Part No. - S20T100CB

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S20T100C MOSPEC-S20T100C Datasheet
162Kb / 2P
   Dual Schottky Barrier Power Rectifiers
S20T100CN MOSPEC-S20T100CN Datasheet
144Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
More results

Similar Description - S20T100CB

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S40T100C MOSPEC-S40T100C Datasheet
140Kb / 2P
   Dual Schottky Barrier Power Rectifiers
S40T100F MOSPEC-S40T100F Datasheet
138Kb / 2P
   Dual Schottky Barrier Power Rectifiers
S20T100FB MOSPEC-S20T100FB Datasheet
165Kb / 2P
   Dual Schottky Barrier Power Rectifiers
S30T200C MOSPEC-S30T200C Datasheet
140Kb / 2P
   Dual Schottky Barrier Power Rectifiers
S30T120C MOSPEC-S30T120C Datasheet
140Kb / 2P
   Dual Schottky Barrier Power Rectifiers
S30T200F MOSPEC-S30T200F Datasheet
139Kb / 2P
   Dual Schottky Barrier Power Rectifiers
S20T100C MOSPEC-S20T100C Datasheet
162Kb / 2P
   Dual Schottky Barrier Power Rectifiers
S20T100F MOSPEC-S20T100F Datasheet
165Kb / 2P
   Dual Schottky Barrier Power Rectifiers
SBL1060CL MOSPEC-SBL1060CL Datasheet
152Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
MBR1060CT MOSPEC-MBR1060CT Datasheet
131Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com