Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000HDE7 Datasheet(PDF) 3 Page - Cree, Inc

Part # XTEAWT-00-0000-00000HDE7
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000HDE7 Datasheet(HTML) 3 Page - Cree, Inc

  XTEAWT-00-0000-00000HDE7 Datasheet HTML 1Page - Cree, Inc XTEAWT-00-0000-00000HDE7 Datasheet HTML 2Page - Cree, Inc XTEAWT-00-0000-00000HDE7 Datasheet HTML 3Page - Cree, Inc XTEAWT-00-0000-00000HDE7 Datasheet HTML 4Page - Cree, Inc XTEAWT-00-0000-00000HDE7 Datasheet HTML 5Page - Cree, Inc XTEAWT-00-0000-00000HDE7 Datasheet HTML 6Page - Cree, Inc XTEAWT-00-0000-00000HDE7 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000HDE7 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000HDE7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® XT-E LED
ChARACTERisTiCs
Characteristics
unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point
°C/W
5
Viewing angle (FWHM) - white
degrees
115
Viewing angle (FWHM) - royal blue
degrees
140
Temperature coefficient of voltage
mV/°C
-2.5
ESD withstand voltage (HBM per Mil-Std-883D)
v
8000
DC forward current - white
mA
1500
DC forward current - royal blue
mA
1000
Reverse voltage
v
5
Forward voltage - white - Standard, royal blue (@ 350 mA, 85 °C)
v
2.85
3.1
Forward voltage - white - High Efficacy (@ 350 mA, 85 °C)
v
2.77
2.85
LED junction temperature
°C
150


Similar Part No. - XTEAWT-00-0000-00000HDE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000HDE5 CREE-XTEAWT-00-0000-00000HDE5 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000HDE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com