Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC10-05SA Datasheet(PDF) 2 Page - Recom International Power

Part # RAC10-05SA
Description  Compact AC-DC Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC10-05SA Datasheet(HTML) 2 Page - Recom International Power

  RAC10-05SA Datasheet HTML 1Page - Recom International Power RAC10-05SA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC10-S_DA
Series
POWERLINE
AC/DC-Converter
Standard Package Style and Pinning
Screw Terminal Module Option (suffix -ST)
8.00
54.00
21.50
1
2
4
5
10.0
22.50
Bottom View
64.00
45.00
1.0
17.5
17.5
3
6
10.0
4.0
6.0
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single Out
Dual Out
1FG
FG
2
VAC in (N)
VAC in (N)
3
VAC in (L)
VAC in (L)
4
-VDC out
-VDC out
5
No Pin
Com
6
+VDC out
+VDC out
86.1
96.0
46.0
53.9
dia. 3.5 x 4
1
2
3
4
5
6
7
8
Fuse
5.5
27.0
Removable DIN-Rail
Mounting Bracket
RAC10-xxS_DA
Pin Connections
Pin #
Single Out
Dual Out
1FG
FG
2
VAC in (N)
VAC in (N)
3
VAC in (L)
VAC in (L)
4NC
NC
5
-VDC out
-VDC out
6
NC
Com
7
+VDC out
+VDC out
8NC
NC
NC = No Connrction
Standard Application Circuit
N
Load
L
Fuse
E
Load
Load
Single
Dual
VACin (L)
VACin (N)
Vout+
Vout-
FG
(Com)
Suggested fuse rating
2A Slow Blow
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-36
www.recom-power.com
REV: 1/2014


Similar Part No. - RAC10-05SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-05SA RECOM-RAC10-05SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-05SA RECOM-RAC10-05SA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
More results

Similar Description - RAC10-05SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC20-05SB RECOM-RAC20-05SB Datasheet
93Kb / 2P
   Compact AC-DC Power Supply
RAC15-24SB-E RECOM-RAC15-24SB-E Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC10-B RECOM-RAC10-B Datasheet
95Kb / 2P
   Compact AC-DC Power Supply
RAC15-B RECOM-RAC15-B Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC06-05SC RECOM-RAC06-05SC Datasheet
81Kb / 2P
   Very Compact AC-DC Power Supply
RAC05-B RECOM-RAC05-B Datasheet
86Kb / 2P
   Very Compact AC-DC Power Supply
logo
C&D Technologies
PCI500-4A CANDD-PCI500-4A Datasheet
122Kb / 4P
   AC/DC Compact PCI Power Supply
logo
Recom International Pow...
RAC40-A RECOM-RAC40-A Datasheet
119Kb / 2P
   Compact 40W AC-DC Power Supply
logo
Murata Manufacturing Co...
TPS_PCI500_4A MURATA-TPS_PCI500_4A Datasheet
1Mb / 4P
   AC/DC Compact PCI Power Supply
logo
TDK Electronics
SWS-L TDK-SWS-L Datasheet
947Kb / 19P
   Compact and high-power AC/DC power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com