Electronic Components Datasheet Search |
|
CNS653-MF5 Datasheet(PDF) 2 Page - Artesyn Technologies |
|
CNS653-MF5 Datasheet(HTML) 2 Page - Artesyn Technologies |
2 / 8 page CNS650-M Series Data Sheet Environmental Specifications Operating temperature -20 °C to +80 °C (derate at 50 °C), startup at -40 °C Storage temperature -40 °C to +85 °C Operating humidity 5% to 95% (non-condensing) Non-operating humidity 5% to 95% (non-condensing) Maximum altitude 5000 m (3000 m for medical), derating may apply Other Specifications Isolation 4000 Vac (input to output) 1500 Vac (input to PE; output to PE) Line harmonics 61000-3-2, Class A ESD immunity 61000-4-2; ±15kV (air)/±8kV (contact); Criterion A Conducted EMI Level B, CISPR 22 and FCC Part 15 Radiated EMI Level B, CISPR 22 and FCC Part 15 (with cover) Surge immunity 61000-4-5, Level 3 - Criterion A; Level 4 - Criterion C Medical EMC 60601-1-2, Edition 4 (cover maybe required for some tests) MTBF (Telcordia, Issue 3, Method 1, Case 3) > 950 KHrs, 25 °C, 410 W natural convection > 1.3 MHrs, 25 °C, 650 W forced air Electrical Specifications (continued) Control and Protection Serial bus interface PMBus™ Current share Active Remote sense 2-wire (+ and -) Remote inhibit Pull inhibit low = main & fan output OFF (5 V standby is ON) Pull inhibit high (or floating) = all outputs ON AC OK Active high when normal AC input is present (with internal 10k ohm pull up to 3.3 Vdc) DC OK Active high when main O/P is within regulation (with internal 10k ohm pull up to 3.3 Vdc) Smart fan control Monitor, control and override Overvoltage protection Latching / AC recyle or inhibit toggle required for PSU restart Overload protection Auto-recovery (CC to 50% output) Overtemperature protection Auto-recovery with hysteresis |
Similar Part No. - CNS653-MF5 |
|
Similar Description - CNS653-MF5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |