Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S128NUX-WTR Datasheet(PDF) 3 Page - Rohm

Part # BR25S128NUX-WTR
Description  SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S128NUX-WTR Datasheet(HTML) 3 Page - Rohm

  BR25S128NUX-WTR Datasheet HTML 1Page - Rohm BR25S128NUX-WTR Datasheet HTML 2Page - Rohm BR25S128NUX-WTR Datasheet HTML 3Page - Rohm BR25S128NUX-WTR Datasheet HTML 4Page - Rohm BR25S128NUX-WTR Datasheet HTML 5Page - Rohm BR25S128NUX-WTR Datasheet HTML 6Page - Rohm BR25S128NUX-WTR Datasheet HTML 7Page - Rohm BR25S128NUX-WTR Datasheet HTML 8Page - Rohm BR25S128NUX-WTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Datasheet
3/31
BR25Sxxx-W Series
(32K 64K 128K 256K)
TSZ02201-0R2R0G100330-1-2
21.AUG.2012 Rev.001
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Operating timing characteristics (Ta=-40°C to +85°C, unless otherwise specified, load capacity CL=30pF)
1.7≦Vcc<2.5V
1.8≦Vcc<2.5V
2.5≦Vcc<4.5V
4.5≦Vcc<5.5V
Parameter
Symbol
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
SCK frequency
fSCK
-
-
3
-
-
5
-
-
10
-
-
20
MHz
SCK high time
tSCKWH
125
-
-
80
-
-
40
-
-
20
-
-
ns
SCK low time
tSCKWL
125
-
-
80
-
-
40
-
-
20
-
-
ns
CSB high time
tCS
250
-
-
90
-
-
40
-
-
20
-
-
ns
CSB setup time
tCSS
100
-
-
60
-
-
30
-
-
15
-
-
ns
CSB hold time
tCSH
100
-
-
60
-
-
30
-
-
15
-
-
ns
SCK setup time
tSCKS
100
-
-
50
-
-
20
-
-
15
-
-
ns
SCK hold time
tSCKH
100
-
-
50
-
-
20
-
-
15
-
-
ns
SI setup time
tDIS
30
-
-
20
-
-
10
-
-
5
-
-
ns
SI hold time
tDIH
50
-
-
20
-
-
10
-
-
5
-
-
ns
Data output delay time
tPD
-
-
125
-
-
80
-
-
40
-
-
20
ns
Output hold time
tOH
0
-
-
0
-
-
0
-
-
0
-
-
ns
Output disable time
tOZ
-
-
200
-
-
80
-
-
40
-
-
20
ns
HOLDB setting setup time
tHFS
100
-
-
0
-
-
0
-
-
0
-
-
ns
HOLDB setting hold time
tHFH
100
-
-
20
-
-
10
-
-
5
-
-
ns
HOLDB release setup time
tHRS
100
-
-
0
-
-
0
-
-
0
-
-
ns
HOLDB release hold time
tHRH
100
-
-
20
-
-
10
-
-
5
-
-
ns
Time from HOLDB to output High-Z
tHOZ
-
-
100
-
-
80
-
-
40
-
-
20
ns
Time from HOLDB to output change
tHPD
-
-
100
-
-
80
-
-
40
-
-
20
ns
SCK rise time
*1
tRC
-
-
1
-
-
1
-
-
1
-
-
1
μs
SCK fall time
*1
tFC
-
-
1
-
-
1
-
-
1
-
-
1
μs
OUTPUT rise time
*1
tRO
-
-
100
-
-
50
-
-
40
-
-
20
ns
OUTPUT fall time
*1
tFO
-
-
100
-
-
50
-
-
40
-
-
20
ns
Write time
tE/W
-
-
5
-
-
5
-
-
5
-
-
5
ms
*1 NOT 100% TESTED
●AC timing characteristics conditions
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Load capacity
CL
-
-
30
pF
Input rise time
-
-
-
50
ns
Input fall time
-
-
-
50
ns
Input voltage
-
0.2Vcc/0.8Vcc
V
Input / Output judgment voltage
-
0.3Vcc/0.7Vcc
V
●Sync data input / output timing
Figure 1. Input timing
CSB
SCK
SI
SO
tCS
tCSS
tSCKS
tSCKWL
tSCKWH
tDIS
tDIH
tRC
tFC
High-Z
SI is taken into IC inside in sync with data rise edge of
SCK. Input address and data from the most significant bit
MSB
Figure 2. Input / Output timing
CSB
SCK
SI
SO
tPD
tOH
tRO,tFO
tOZ
tCSH tSCKH
tCS
High-Z
Figure 3. HOLD timing
CSB
SCK
SI
n+1
"H"
"L"
n
Dn
n-1
Dn
Dn-1
HOLDB
SO
Dn+1
tHFS
tHFH
tHOZ
tHRS tHRH
tDIS
tHPD
High-Z
SO is output in sync with data fall edge of SCK. Data is
output from the most significant bit MSB.


Similar Part No. - BR25S128NUX-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S128NUX-W ROHM-BR25S128NUX-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25S128NUX-WE2 ROHM-BR25S128NUX-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results

Similar Description - BR25S128NUX-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G640-3 ROHM-BR25G640-3 Datasheet
749Kb / 36P
   SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com