Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S256FVJ-WTR Datasheet(PDF) 2 Page - Rohm

Part # BR25S256FVJ-WTR
Description  SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S256FVJ-WTR Datasheet(HTML) 2 Page - Rohm

  BR25S256FVJ-WTR Datasheet HTML 1Page - Rohm BR25S256FVJ-WTR Datasheet HTML 2Page - Rohm BR25S256FVJ-WTR Datasheet HTML 3Page - Rohm BR25S256FVJ-WTR Datasheet HTML 4Page - Rohm BR25S256FVJ-WTR Datasheet HTML 5Page - Rohm BR25S256FVJ-WTR Datasheet HTML 6Page - Rohm BR25S256FVJ-WTR Datasheet HTML 7Page - Rohm BR25S256FVJ-WTR Datasheet HTML 8Page - Rohm BR25S256FVJ-WTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Datasheet
2/31
BR25Sxxx-W Series
(32K 64K 128K 256K)
TSZ02201-0R2R0G100330-1-2
21.AUG.2012 Rev.001
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Remarks
Supply Voltage
VCC
-0.3 to +6.5
V
450 (SOP8)
When using at Ta=25℃ or higher 4.5mW to be reduced per 1℃.
450 (SOP-J8)
When using at Ta=25℃ or higher 4.5mW to be reduced per 1℃.
300 (SSOP-B8)
When using at Ta=25℃ or higher 3.0mW to be reduced per 1℃.
330 (TSSOP-B8)
When using at Ta=25℃ or higher 3.3mW to be reduced per 1℃.
310 (TSSOP-B8J)
When using at Ta=25℃ or higher 3.1mW to be reduced per 1℃.
310 (MSOP8)
When using at Ta=25℃ or higher 3.1mW to be reduced per 1℃.
Power Dissipation
Pd
300 (VSON008X2030)
mW
When using at Ta=25℃ or higher 3.0mW to be reduced per 1℃.
Storage Temperature
Tstg
-65 to +125
Operating Temperature
Topr
-40 to +85
Terminal Voltage
-0.3 to Vcc+0.3
V
●Memory cell characteristics (Ta=25°C , Vcc=1.7V to 5.5V)
Limits
Parameter
Min.
Typ.
Max.
Unit
Number of data rewrite times *1
1,000,000
-
-
Times
Data hold years
*1
40
-
-
Years
*1
Not 100% TESTED
●Recommended Operating Ratings
Parameter
Symbol
Ratings
Unit
Power source voltage
Vcc
1.7 to 5.5
Input voltage
VIN
0 to Vcc
V
●Input / output capacity (Ta=25°C, frequency=5MHz)
Parameter
Symbol
Min.
Max.
Unit
Conditions
Input capacity *1
CIN
8
VIN=GND
Output capacity *1
COUT
8
pF
VOUT=GND
*1
Not 100% TESTED.
●Electrical characteristics (Unless otherwise specified, Ta=-40°C to +85°C, Vcc=1.7V to 5.5V)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
“H” Input Voltage1
VIH1
0.7xVcc
Vcc+0.3
V
1.7≦Vcc≦5.5V
“L” Input Voltage1
VIL1
-0.3
0.3xVcc
V
1.7≦Vcc≦5.5V
“L” Output Voltage1
VOL1
0
0.4
V
IOL=2.1mA, 2.5≦Vcc<5.5V
“L” Output Voltage2
VOL2
0
0.2
V
IOL=1.0mA, 1.7≦Vcc<2.5V
“H” Output Voltage1
VOH1
Vcc-0.2
Vcc
V
IOH=-0.4mA, 2.5V≦Vcc<5.5V
“H” Output Voltage2
VOH2
Vcc-0.2
Vcc
V
IOH=-100µA, 1.7≦Vcc<2.5V
Input Leakage Current
ILI
-1
1
μAVIN=0 to Vcc
Output Leakage Current
ILO
-1
1
μAVOUT=0 to Vcc, CSB=Vcc
0.5
*1
ICC1
1
*2
mA
Vcc=1.8V, fSCK=5MHz, tE/W=5ms
Byte Write, Page Write, Write Status register
1
*1
ICC2
1.5
*2
mA
Vcc=2.5V, fSCK=10MHz, tE/W=5ms
Byte Write, Page Write, Write Status register
2
*1
Operating Current Write
ICC3
3
*2
mA
Vcc=5.5V, fSCK=20MHz, tE/W=5ms
Byte Write, Page Write, Write Status register
ICC4
1
mA
Vcc=1.8V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC5
1
mA
Vcc=2.5V, fSCK=2MHz, SO=OPEN
Read, Read Status Register
ICC6
1.5
mA
Vcc=2.5V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC7
2
mA
Vcc=2.5V, fSCK=10MHz, SO=OPEN
Read, Read Status Register
ICC8
2
mA
Vcc=5.5V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC9
4
mA
Vcc=5.5V, fSCK=10MHz, SO=OPEN
Read, Read Status Register
Operating Current Read
ICC10
8
mA
Vcc=5.5V, fSCK=20MHz, SO=OPEN
Read, Read Status Register
Standby Current
ISB
2
μA
Vcc=5.5V, SO=OPEN
CSB=HOLDB=WP=Vcc, SCK=SI=Vcc or GND
*1
BR25S320/640-W
*2
BR25S128/256-W


Similar Part No. - BR25S256FVJ-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S256FVJ-W ROHM-BR25S256FVJ-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25S256FVJ-WE2 ROHM-BR25S256FVJ-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results

Similar Description - BR25S256FVJ-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G640-3 ROHM-BR25G640-3 Datasheet
749Kb / 36P
   SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com