Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S32FVT-WTR Datasheet(PDF) 1 Page - Rohm

Part # BR25S32FVT-WTR
Description  SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S32FVT-WTR Datasheet(HTML) 1 Page - Rohm

  BR25S32FVT-WTR Datasheet HTML 1Page - Rohm BR25S32FVT-WTR Datasheet HTML 2Page - Rohm BR25S32FVT-WTR Datasheet HTML 3Page - Rohm BR25S32FVT-WTR Datasheet HTML 4Page - Rohm BR25S32FVT-WTR Datasheet HTML 5Page - Rohm BR25S32FVT-WTR Datasheet HTML 6Page - Rohm BR25S32FVT-WTR Datasheet HTML 7Page - Rohm BR25S32FVT-WTR Datasheet HTML 8Page - Rohm BR25S32FVT-WTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/31
TSZ02201-0R2R0G100330-1-2
21.AUG.2012 Rev.001
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
Datasheet
Serial EEPROM Series Standard EEPROM
SPI BUS EEPROM
BR25Sxxx-W Series
(32K 64K 128K 256K)
●General Description
BR25Sxxx-W series is a serial EEPROM of SPI BUS interface method
●Features
High speed clock action up to 20MHz (Max.)
Wait function by HOLDB terminal
Part or whole of memory arrays settable as read only
memory area by program
1.7V to 5.5V single power source action most suitable
for battery use
Page write mode useful for initial value write at
factory shipment
Highly reliable connection by Au pad and Au wire
For SPI bus interface (CPOL, CPHA) = (0, 0), (1, 1)
Auto erase and auto end function at data rewrite
Low current consumption
At write action (5V)
:
1.5mA (Typ.)
At read action (5V)
:
1.0mA (Typ.)
At standby action (5V) :
0.1
μA (Typ.)
Address auto increment function at read action
Write mistake prevention function
Write prohibition at power on
Write prohibition by command code (WRDI)
Write prohibition by WP pin
Write prohibition block setting by status registers
(BP1, BP0)
Write mistake prevention function at low voltage
Data kept for 40 years
Data rewrite up to 1,000,000 times
Data at shipment
Memory array: FFh
Status register: WPEN, BP1, BP0 : 0
●Packages W(Typ.) x D(Typ.) x H(Max.)
●Page write
Page
32Byte
64Byte
Part Number
BR25S320-W
BR25S640-W
BR25S128-W
BR25S256-W
●BR25Sxxx-W Series
Capacity Bit format
Power source
voltage
SOP8
SOP-J8
SSOP-B8 TSSOP-B8
MSOP8
TSSOP-B8J
VSON008
X2030
32Kbit
4K×8
1.7V to 5.5V
64Kbit
8K×8
1.7V to 5.5V
128Kbit
16K×8
1.7V to 5.5V
256Kbit
32K×8
1.7V to 5.5V
VSON008X2030
2.00mm x 3.00mm x 0.60mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP- J8
4.90mm x 6.00mm x 1.65mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm


Similar Part No. - BR25S32FVT-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S320-W ROHM-BR25S320-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25S320F-W ROHM-BR25S320F-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
More results

Similar Description - BR25S32FVT-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G640-3 ROHM-BR25G640-3 Datasheet
749Kb / 36P
   SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com