Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUC30-24S3 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BUC30-24S3
Description  Isolated DC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUC30-24S3 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BUC30-24S3 Datasheet HTML 1Page - Bothhand USA, LP. BUC30-24S3 Datasheet HTML 2Page - Bothhand USA, LP. BUC30-24S3 Datasheet HTML 3Page - Bothhand USA, LP. BUC30-24S3 Datasheet HTML 4Page - Bothhand USA, LP. BUC30-24S3 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
USA.com
http://www.bothhand
USA.com
Rev:20100908A
Page 3 of 5
Isolated DC-DC Converters
BUC30Series -- 30Watt
Short circuit protection
Hiccup, continuous(Auto Recovery)
Transient response settling time
50% load step change
400µs typ
(1.7ms for 1.5/2.5/3.3Vout)
Transient response over shoot
di/dt=0.8A/µs
≤ ±5% of Vo
(≤ ±10% for 1.5/2.5/3.3Vout)
General Specifications
Efficiency
Nominal input
See table
Isolation voltage
Input to output
1500Vdc
Isolation resistance
500Vdc
10
9 Ohms min.
Isolation capacitance
1200pF typ.
Switching frequency
300kHz typ.
Reliability, calculated MTBF
1.06 × 10
6 Hrs
Physical Specifications
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Silicon rubber (UL94 V-0)
2.0 × 1.0 × 0.4 Inch
Dimensions
(50.8 × 25.4 × 10.2 mm)
Weight
32.0g (1.13oz) typ.
BUC30 Series
BUC30 Series
Power Derating Curve without Heatsink
(5)
Power Derating Curve with Heatsink
(5)
Ambient Temp.TA (℃
℃)
Ambient Temp.TA (℃
℃)
BUC30-48S1
BUC30-48S1
Input Voltage vs. Efficiency
Output Current vs. Efficiency
Input voltage (V)
Output Current (A)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
71
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
65


Similar Part No. - BUC30-24S3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUC20-24D1W BOTHHAND-BUC20-24D1W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24D2W BOTHHAND-BUC20-24D2W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24D3W BOTHHAND-BUC20-24D3W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24S0W BOTHHAND-BUC20-24S0W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24S1W BOTHHAND-BUC20-24S1W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BUC30-24S3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com