Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBU-101G-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # EBU-101G-LF
Description  Ethernet Switches expand to Wireless Access Point
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

EBU-101G-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  EBU-101G-LF Datasheet HTML 1Page - Bothhand USA, LP. EBU-101G-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EBU-101G LF
Gigabit & High Power Base Unit for PoE
Bothhand USA
EBU-101G LF-Spec-A0-090109
Page 1/2
1.
Features:
1.1. RJ-45 Input / Output Connector
1.2. Input / Output Common Ground
1.3. Power / Data Mixer
1.4. 10 / 100 / 1000 Base-T
1.5. Ethernet Switches expand to Wireless Access Point
1.6. RoHS Converter Certified By SGS
2. Input / Output Specifications :
2.1. DC Input Voltage
48V ± 5 %
* Depend on External Switching Adapter
2.2. DC Output Voltage
48V ± 5 %
* Depend on Input Voltage
2.3. DC Output Current
720mA Max.
2.4. Over Current Protection
Multi-Fuse Open
* IH = 1.5A
2.5. Power ON Indicator
Green LED Display
3. Mechanical Dimension:
Units : mm & Tolerance : 0.xx ± 0.25
4. General Sepcification:
4.1. Operating Temperature
:0℃
~ +50℃
4.2. Storage Temperature
-20℃ ~ +70℃
4.3. Humidity
Up to 90 %


Similar Part No. - EBU-101G-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EBU-101GLF BOTHHAND-EBU-101GLF Datasheet
215Kb / 2P
   Gigabit & High Power Base Unit for PoE
More results

Similar Description - EBU-101G-LF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C509 ATMEL-AT76C509 Datasheet
53Kb / 3P
   Ethernet to Wireless Bridge Low-Cost Access Point
logo
Weidmuller
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
   11g Wireless Access Point
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
2536680000 WEIDMULLER-2536680000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
logo
Vaisala
AP10 VAISALA-AP10 Datasheet
190Kb / 3P
   AP10 VaiNet Wireless Access Point
logo
Weidmuller
2536690000 WEIDMULLER-2536690000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com