Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000P9E6 Datasheet(PDF) 5 Page - Cree, Inc

Part # XTEAWT-00-0000-00000P9E6
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000P9E6 Datasheet(HTML) 5 Page - Cree, Inc

  XTEAWT-00-0000-00000P9E6 Datasheet HTML 1Page - Cree, Inc XTEAWT-00-0000-00000P9E6 Datasheet HTML 2Page - Cree, Inc XTEAWT-00-0000-00000P9E6 Datasheet HTML 3Page - Cree, Inc XTEAWT-00-0000-00000P9E6 Datasheet HTML 4Page - Cree, Inc XTEAWT-00-0000-00000P9E6 Datasheet HTML 5Page - Cree, Inc XTEAWT-00-0000-00000P9E6 Datasheet HTML 6Page - Cree, Inc XTEAWT-00-0000-00000P9E6 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000P9E6 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000P9E6 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® XT-E LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
50
6200 K
S3
156
171
XTEAWT-00-0000-
000000K50
XTEAWT-00-0000-
00000BK50
S2
148
163
XTEAWT-00-0000-
000000J50
XTEAWT-00-0000-
00000BJ50
R5
139
153
XTEAWT-00-0000-
000000H50
XTEAWT-00-0000-
00000BH50
XTEAWT-00-0000-
00000HH50
R4
130
143
XTEAWT-00-0000-
000000G50
XTEAWT-00-0000-
00000BG50
XTEAWT-00-0000-
00000HG50
R3
122
134
XTEAWT-00-0000-
000000F50
XTEAWT-00-0000-
00000BF50
XTEAWT-00-0000-
00000HF50
R2
114
125
XTEAWT-00-0000-
000000E50
XTEAWT-00-0000-
00000BE50
XTEAWT-00-0000-
00000HE50
Q5
107
118
XTEAWT-00-0000-
00000HD50
e1
6500 K
S3
156
171
XTEAWT-00-0000-
000000KE1
XTEAWT-00-0000-
00000BKE1
S2
148
163
XTEAWT-00-0000-
000000JE1
XTEAWT-00-0000-
00000BJE1
R5
139
153
XTEAWT-00-0000-
000000HE1
XTEAWT-00-0000-
00000BHE1
XTEAWT-00-0000-
00000HHE1
R4
130
143
XTEAWT-00-0000-
000000GE1
XTEAWT-00-0000-
00000BGE1
XTEAWT-00-0000-
00000HGE1
R3
122
134
XTEAWT-00-0000-
000000FE1
XTEAWT-00-0000-
00000BFE1
XTEAWT-00-0000-
00000HFE1
R2
114
125
XTEAWT-00-0000-
000000EE1
XTEAWT-00-0000-
00000BEE1
XTEAWT-00-0000-
00000HEE1
Q5
107
118
XTEAWT-00-0000-
00000HDE1
E2
5700 K
S3
156
171
XTEAWT-00-0000-
000000KE2
XTEAWT-00-0000-
00000BKE2
S2
148
163
XTEAWT-00-0000-
000000JE2
XTEAWT-00-0000-
00000BJE2
R5
139
153
XTEAWT-00-0000-
000000HE2
XTEAWT-00-0000-
00000BHE2
XTEAWT-00-0000-
00000HHE2
R4
130
143
XTEAWT-00-0000-
000000GE2
XTEAWT-00-0000-
00000BGE2
XTEAWT-00-0000-
00000HGE2
R3
122
134
XTEAWT-00-0000-
000000FE2
XTEAWT-00-0000-
00000BFE2
XTEAWT-00-0000-
00000HFE2
R2
114
125
XTEAWT-00-0000-
000000EE2
XTEAWT-00-0000-
00000BEE2
XTEAWT-00-0000-
00000HEE2
Q5
107
118
XTEAWT-00-0000-
00000HDE2
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C) - ConTInued


Similar Part No. - XTEAWT-00-0000-00000P9E6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000P9E7 CREE-XTEAWT-00-0000-00000P9E7 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000P9E6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com