Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S128F-WTR Datasheet(PDF) 6 Page - Rohm

Part # BR25S128F-WTR
Description  SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S128F-WTR Datasheet(HTML) 6 Page - Rohm

Back Button BR25S128F-WTR Datasheet HTML 2Page - Rohm BR25S128F-WTR Datasheet HTML 3Page - Rohm BR25S128F-WTR Datasheet HTML 4Page - Rohm BR25S128F-WTR Datasheet HTML 5Page - Rohm BR25S128F-WTR Datasheet HTML 6Page - Rohm BR25S128F-WTR Datasheet HTML 7Page - Rohm BR25S128F-WTR Datasheet HTML 8Page - Rohm BR25S128F-WTR Datasheet HTML 9Page - Rohm BR25S128F-WTR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Datasheet
6/31
BR25Sxxx-W Series
(32K 64K 128K 256K)
TSZ02201-0R2R0G100330-1-2
21.AUG.2012 Rev.001
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 8. Input Leak Current ILI
(CSB,SCK,SI,HOLDB,WP)
Figure 9. Output Leak Current ILO (SO)
Figure 11. Current consumption at WRITE operation ICC3
(BR25S128/256-W)
Figure 10. Current consumption at WRITE operation ICC3
(BR25S320/640-W)
●Typical Performance Curves‐Continued


Similar Part No. - BR25S128F-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S128F-W ROHM-BR25S128F-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results

Similar Description - BR25S128F-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G640-3 ROHM-BR25G640-3 Datasheet
749Kb / 36P
   SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com