Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93L66FJ-WE2 Datasheet(PDF) 5 Page - Rohm

Part # BR93L66FJ-WE2
Description  Microwire BUS EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93L66FJ-WE2 Datasheet(HTML) 5 Page - Rohm

  BR93L66FJ-WE2 Datasheet HTML 1Page - Rohm BR93L66FJ-WE2 Datasheet HTML 2Page - Rohm BR93L66FJ-WE2 Datasheet HTML 3Page - Rohm BR93L66FJ-WE2 Datasheet HTML 4Page - Rohm BR93L66FJ-WE2 Datasheet HTML 5Page - Rohm BR93L66FJ-WE2 Datasheet HTML 6Page - Rohm BR93L66FJ-WE2 Datasheet HTML 7Page - Rohm BR93L66FJ-WE2 Datasheet HTML 8Page - Rohm BR93L66FJ-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Datasheet
Datasheet
5/35
BR93Lxx-W
TSZ02201-0R2R0G100390-1-2
15.Oct.2013 Rev.002
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Block Diagram
●Pin Configurations
●Pin Descriptions
Command decode
Control
Clock generation
Power source voltage detection
Write
prohibition
High voltage occurrence
Command
register
Address
buffer
SK
DI
Dummy bit
DO
Data
register
R/W
amplifier
6bit
7bit
8bit
9bit
10bit
6bit
7bit
8bit
9bit
10bit
16bit
16bit
1,024 bit
2,048 bit
4,096 bit
8,192 bit
16,384 bit
EEPROM
CS
Address
decoder
Pin name
I / O
Function
VCC
-
Power source
GND
-
All input / output reference voltage, 0V
CS
Input
Chip select input
SK
Input
Serial clock input
DI
Input
Start bit, ope code, address, and serial data input
DO
Output
Serial data output, READY / BUSY internal condition display output
NC
-
Non connected terminal, Vcc, GND or OPEN
*BR93L46/56/66-W
BR93LXXF-W:SOP8
BR93LXXFJ-W:SOP-J8
BR93LXXFV-W:SSOP-B8*
BR93LXXFVT-W:TSSOP-B8*
NC
GND
DO
DI
NC
Vcc
CS
SK
TOP VIEW
BR93LXX-W:DIP-T8
Vcc
NC
NC
GND
CS
SK
DI
DO
TOP VIEW
BR93LXXRF-W:SOP8
BR93LXXRFJ-W:SOP-J8
BR93LXXRFV-W:SSOP-B8
BR93LXXRFVT-W:TSSOP-B8
BR93LXXRFVM-W:MSOP8
BR93LXXRFVJ-W:TSSOP-B8J
Vcc
NC
NC
GND
CS
SK
DI
DO
TOP VIEW


Similar Part No. - BR93L66FJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L66FJ-WE2 ROHM-BR93L66FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L66FJ-WE2 ROHM-BR93L66FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results

Similar Description - BR93L66FJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76-2C ROHM-BR93H76-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C_15 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C_16 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93AXX-WM ROHM-BR93AXX-WM Datasheet
969Kb / 33P
   Operation Microwire BUS EEPROM
BR93G76-3 ROHM-BR93G76-3_1 Datasheet
1Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G46-3B ROHM-BR93G46-3B_1 Datasheet
1,016Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B_1 Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86-3 ROHM-BR93G86-3_15 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com