Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000HDE6 Datasheet(PDF) 11 Page - Cree, Inc

Part # XTEAWT-00-0000-00000HDE6
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000HDE6 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XTEAWT-00-0000-00000HDE6 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000HDE6 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000HDE6 Datasheet HTML 9Page - Cree, Inc XTEAWT-00-0000-00000HDE6 Datasheet HTML 10Page - Cree, Inc XTEAWT-00-0000-00000HDE6 Datasheet HTML 11Page - Cree, Inc XTEAWT-00-0000-00000HDE6 Datasheet HTML 12Page - Cree, Inc XTEAWT-00-0000-00000HDE6 Datasheet HTML 13Page - Cree, Inc XTEAWT-00-0000-00000HDE6 Datasheet HTML 14Page - Cree, Inc XTEAWT-00-0000-00000HDE6 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® XT-E LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
F6
3750 K
R5
139
153
XTEAWT-00-0000-
000000HF6
XTEAWT-00-0000-
00000BHF6
XTEAWT-00-0000-
00000LHF6
R4
130
143
XTEAWT-00-0000-
000000GF6
XTEAWT-00-0000-
00000BGF6
XTEAWT-00-0000-
00000LGF6
R3
122
134
XTEAWT-00-0000-
000000FF6
XTEAWT-00-0000-
00000BFF6
XTEAWT-00-0000-
00000LFF6
XTEAWT-00-0000-
00000HFF6
R2
114
125
XTEAWT-00-0000-
000000EF6
XTEAWT-00-0000-
00000BEF6
XTEAWT-00-0000-
00000LEF6
XTEAWT-00-0000-
00000HEF6
Q5
107
118
XTEAWT-00-0000-
000000DF6
XTEAWT-00-0000-
00000BDF6
XTEAWT-00-0000-
00000LDF6
XTEAWT-00-0000-
00000HDF6
Q4
100
110
XTEAWT-00-0000-
00000LCF6
XTEAWT-00-0000-
00000HCF6
XTEAWT-00-0000-
00000PCF6
XTEAWT-00-
0000-00000UCF6
Q3
93.9
103
XTEAWT-00-0000-
00000PBF6
XTEAWT-00-
0000-00000UBF6
Q2
87.4
96.1
XTEAWT-00-0000-
00000PAF6
XTEAWT-00-
0000-00000UAF6
P4
80.6
88.6
XTEAWT-00-0000-
00000P9F6
XTEAWT-00-
0000-00000U9F6
E6
3500 K
R5
139
153
XTEAWT-00-0000-
000000HE6
XTEAWT-00-0000-
00000BHE6
XTEAWT-00-0000-
00000LHE6
R4
130
143
XTEAWT-00-0000-
000000GE6
XTEAWT-00-0000-
00000BGE6
XTEAWT-00-0000-
00000LGE6
R3
122
134
XTEAWT-00-0000-
000000FE6
XTEAWT-00-0000-
00000BFE6
XTEAWT-00-0000-
00000LFE6
XTEAWT-00-0000-
00000HFE6
R2
114
125
XTEAWT-00-0000-
000000EE6
XTEAWT-00-0000-
00000BEE6
XTEAWT-00-0000-
00000LEE6
XTEAWT-00-0000-
00000HEE6
Q5
107
118
XTEAWT-00-0000-
000000DE6
XTEAWT-00-0000-
00000BDE6
XTEAWT-00-0000-
00000LDE6
XTEAWT-00-0000-
00000HDE6
Q4
100
110
XTEAWT-00-0000-
00000LCE6
XTEAWT-00-0000-
00000HCE6
XTEAWT-00-0000-
00000PCE6
XTEAWT-00-
0000-00000UCE6
Q3
93.9
103
XTEAWT-00-0000-
00000PBE6
XTEAWT-00-
0000-00000UBE6
Q2
87.4
96.1
XTEAWT-00-0000-
00000PAE6
XTEAWT-00-
0000-00000UAE6
P4
80.6
88.6
XTEAWT-00-0000-
00000P9E6
XTEAWT-00-
0000-00000U9E6
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C) - ConTInued


Similar Part No. - XTEAWT-00-0000-00000HDE6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000HDE5 CREE-XTEAWT-00-0000-00000HDE5 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000HDE6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com