Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUC30-12S9 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BUC30-12S9
Description  Isolated DC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUC30-12S9 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BUC30-12S9 Datasheet HTML 1Page - Bothhand USA, LP. BUC30-12S9 Datasheet HTML 2Page - Bothhand USA, LP. BUC30-12S9 Datasheet HTML 3Page - Bothhand USA, LP. BUC30-12S9 Datasheet HTML 4Page - Bothhand USA, LP. BUC30-12S9 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
USA.com
http://www.bothhand
USA.com
Rev:20100908A
Page 1 of 5
Isolated DC-DC Converters
BUC30Series -- 30Watt
Features
Wide 2 : 1 Input Voltage Range(9~18V,18~36V,36~75V)
High Efficiency up to 91%
Remote On/Off
Input / Output Isolation Voltage: 1.5kVdc
Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection:
Hiccup, continuous & Auto Recovery
Over Temperature Protection
Shielded Metal Case with Insulated Baseplate
Customer Design Available
Optional Heat-sink
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(Vdc)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
BUC30-12S7
1.5
0
8500
85
1476
78
56000
BUC30-12S9
2.5
0
8000
75
2137
82
47000
BUC30-12S0
3.3
0
7500
100
2611
83
47000
BUC30-12S1
5.1
0
6000
150
3148
85
33000
BUC30-12S2
12
50
2500
70
3012
87
4700
BUC30-12S3
15
150
2000
30
3012
87
3300
BUC30-12D1
±5
0
±3000
130
3012
87
10000
BUC30-12D2
±12
20
±1250
120
3012
87
2200
BUC30-12D3
9~18V
Nominal:12Vdc
±15
100
±1000
100
2976
88
1800
1.5
0
8500
35
699
80
56000
2.5
0
8000
35
1029
85
47000
3.3
0
7500
40
1242
87
47000
5.1
0
6000
50
1500
89
33000
BUC30-24S7
BUC30-24S9
BUC30-24S0
BUC30-24S1
BUC30-24S2
12
50
2500
85
1453
90
4700
BUC30-24S3
15
20
2000
80
1453
90
3300
BUC30-24D1
±5
0
±3000
50
1453
90
10000
BUC30-24D2
±12
50
±1250
50
1453
90
2200
BUC30-24D3
18~36V
Nominal:24Vdc
±15
0
±1000
50
1453
90
1800
BUC30-48S7
1.5
0
8500
20
345
81
56000
2.5
0
8000
15
508
86
47000
3.3
0
7500
20
614
88
47000
5.1
0
6000
25
741
90
33000
12
150
2500
25
727
90
4700
BUC30-48S9
BUC30-48S0
BUC30-48S1
BUC30-48S2
BUC30-48S3
15
20
2000
25
718
91
3300
BUC30-48D1
±5
0
±3000
25
727
90
10000
BUC30-48D2
±12
0
±1250
25
718
91
2200
BUC30-48D3
36~75V
Nominal:48Vdc
±15
0
±1000
25
718
91
1800
Description
The BUC30 Series are isolated 30W DC/DC converters.
Designed
with
highly
efficiency,
allow
the
operating
temperature range of these units to be -40°C to +85°C (with
derating) in a 50.8×25.4×10.2mm shielded metal case. Further
features include wide 2 : 1 input voltage range, remote on/off
control, trimmable output, short-circuit protection, over voltage
protection and over temperature protection.
Applications
These converters are well suitable for battery operated
equipment,
measurement
equipment,
telecom,
wireless
network, Industry control system, everywhere where isolated,
tightly regulated voltages and compact size are required.


Similar Part No. - BUC30-12S9

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUC20-24D1W BOTHHAND-BUC20-24D1W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24D2W BOTHHAND-BUC20-24D2W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24D3W BOTHHAND-BUC20-24D3W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24S0W BOTHHAND-BUC20-24S0W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
BUC20-24S1W BOTHHAND-BUC20-24S1W Datasheet
789Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BUC30-12S9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com