Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDD56V16161N-01 Datasheet(PDF) 10 Page - Rohm

Part # FEDD56V16161N-01
Description  SYNCHRONOUS DYNAMIC RAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FEDD56V16161N-01 Datasheet(HTML) 10 Page - Rohm

Back Button FEDD56V16161N-01 Datasheet HTML 6Page - Rohm FEDD56V16161N-01 Datasheet HTML 7Page - Rohm FEDD56V16161N-01 Datasheet HTML 8Page - Rohm FEDD56V16161N-01 Datasheet HTML 9Page - Rohm FEDD56V16161N-01 Datasheet HTML 10Page - Rohm FEDD56V16161N-01 Datasheet HTML 11Page - Rohm FEDD56V16161N-01 Datasheet HTML 12Page - Rohm FEDD56V16161N-01 Datasheet HTML 13Page - Rohm FEDD56V16161N-01 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
FEDD56V16161N-01
MSM56V16161N
10/44
Mode Register Field Table To Program Mode
Write Burst Mode
/CAS Latency
Burst Type
Burst Length
A9
WM
A6
A5
A4
CL
A3
BT
A2
A1
A0
BT = 0
BT = 1
0
Burst
0
0
0
Reserved
0
Sequential
0
0
0
1
1
1
Single
0
0
1
Reserved
1
Interleave
0
0
1
2
2
0
1
0
2
0
1
0
4
4
0
1
1
3
0
1
1
8
8
1
0
0
Reserved
1
0
0
Reserved
Reserved
1
0
1
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
1
1
1
Full Page
Reserved
Notes: 1. 1. Objects are all family products.
2. A11 should stay “0” during mode set cycle.
3. A7, A8 and A10 should stay “0” during mode set cycle.
4. Don’t set address keys of “Reserved”.
Extended Mode Register Set Address Keys
Output Driver Strength
A6
A5
DS
0
0
Full (Default)
0
1
1/2
1
0
1/8
1
1
1/4
Notes: 1. A11 should stay “1” during mode set cycle.
2. A0 to A4, A7 to A10 should stay “0” during mode set cycle.
3. If don’t set EMRS, DS is set to default (Full).


Similar Part No. - FEDD56V16161N-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDD56V16161N-01 LAPIS-FEDD56V16161N-01 Datasheet
992Kb / 44P
   2-Bank횞524,288-Word횞16-Bit SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - FEDD56V16161N-01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81F161622B-75 FUJITSU-MB81F161622B-75 Datasheet
2Mb / 45P
   SYNCHRONOUS DYNAMIC RAM
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
logo
Vanguard International ...
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com