Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9844GUL-W Datasheet(PDF) 2 Page - Rohm

Part # BU9844GUL-W
Description  WLCSP EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9844GUL-W Datasheet(HTML) 2 Page - Rohm

  BU9844GUL-W_13 Datasheet HTML 1Page - Rohm BU9844GUL-W_13 Datasheet HTML 2Page - Rohm BU9844GUL-W_13 Datasheet HTML 3Page - Rohm BU9844GUL-W_13 Datasheet HTML 4Page - Rohm BU9844GUL-W_13 Datasheet HTML 5Page - Rohm BU9844GUL-W_13 Datasheet HTML 6Page - Rohm BU9844GUL-W_13 Datasheet HTML 7Page - Rohm BU9844GUL-W_13 Datasheet HTML 8Page - Rohm BU9844GUL-W_13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Datasheet
Datasheet
2/26
TSZ02201-0R2R0G100470-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
17.Sep.2013 Rev.002
www.rohm.com
TSZ22111・15・001
BU9844GUL-W (16Kbit)
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Remarks
Impressed Voltage
VCC
-0.3 to +6.5
V
Permissible Dissipation
Pd
0.22
W
When using at Ta=25°C or higher, 2.2mW to be reduced per 1°C
Storage Temperature Range
Tstg
-65 to +125
°C
Operating Temperature Range
Topr
-40 to +85
°C
Terminal voltage
-
-0.3 to Vcc+1.0
V
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Memory Cell Characteristics (Ta=25°C, Vcc=1.7V to 5.5V)
Parameter
Limits
Unit
Min
Typ.
Max
Number of Data rewrite times
(Note1)
1,000,000
-
-
Times
Data hold years
(Note)
40
-
-
Years
(Note1) Not 100% TESTED
Recommended Operating Ratings
Parameter
Symbol
Ratings
Unit
Power Source Voltage
Vcc
1.7 to 5.5
V
Input Voltage
Vin
0 to VCC
Electrical Characteristics (Unless otherwise specified, Ta=-40°C to +85°C, VCC=1.7V to 5.5V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
“HIGH” Input Voltage1
VIH1
0.7VCC
-
-
V
2.5V
≤VCC≤5.5V
“LOW” Input Voltage1
VIL1
-
-
0.3VCC
V
2.5V
≤VCC≤5.5V
“HIGH” Input Voltage2
VIH2
0.9VCC
-
-
V
1.7V
≤VCC<2.5V
“LOW” Input Voltage2
VIL2
-
-
0.1VCC
V
1.7V
≤VCC<2.5V
“LOW” Output Voltage1
VOL1
-
-
0.3
V
IOL=3.0mA, 2.5V≤VCC≤5.5V, (SDA)
“LOW Output Voltage2
VOL2
-
-
0.2
V
IOL=1.5mA, 1.7V≤VCC<2.5V, (SDA)
Input Leak Current
ILI
-1
-
1
μA
VIN=0V to VCC
Output Leak Current
ILO
-1
-
1
μA
VOUT=0V to VCC(SDA)
Current Consumption
at Action
ICC1
-
-
2.0
mA
VCC=5.5V, fSCL=400kHz, tWR=5ms,
Byte write, Page write
ICC2
-
-
0.5
mA
VCC=5.5V, fSCL=400kHz
Random read, Current read,
sequential read
Standby Current
ISB
-
-
2.0
μA
VCC=5.5V, SDA·SCL=VCC,
A2=GND, WP=GND


Similar Part No. - BU9844GUL-W_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
More results

Similar Description - BU9844GUL-W_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_1 Datasheet
808Kb / 26P
   WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3_13 Datasheet
457Kb / 29P
   WLCSP EEPROM
BRCH064GWZ-3 ROHM-BRCH064GWZ-3 Datasheet
2Mb / 30P
   WLCSP EEPROM
BU9833GUL-W ROHM-BU9833GUL-W_12 Datasheet
756Kb / 28P
   WLCSP EEPROM
BRCB016GWL-3 ROHM-BRCB016GWL-3 Datasheet
478Kb / 30P
   WLCSP EEPROM
BRCD064GWZ-3 ROHM-BRCD064GWZ-3 Datasheet
603Kb / 30P
   WLCSP EEPROM
BU9847GUL-W ROHM-BU9847GUL-W_12 Datasheet
804Kb / 28P
   WLCSP EEPROM
BRCB064GWZ-3 ROHM-BRCB064GWZ-3 Datasheet
503Kb / 29P
   WLCSP EEPROM
BU9832GUL-W ROHM-BU9832GUL-W_12 Datasheet
748Kb / 30P
   WLCSP EEPROM
BU9889GUL-W ROHM-BU9889GUL-W_12 Datasheet
787Kb / 27P
   WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3_13 Datasheet
519Kb / 29P
   WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com