Electronic Components Datasheet Search |
|
XTEAWT-00-0000-00000LGF6 Datasheet(PDF) 1 Page - Cree, Inc |
|
XTEAWT-00-0000-00000LGF6 Datasheet(HTML) 1 Page - Cree, Inc |
1 / 45 page Product family data sheet Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Cree® XLamp® XT-E LEDs XT-E White XT-E Royal Blue LeD pictures and labels underneath are in a table PRoDuCT DEsCRiPTion Optimized for directional, high-lumen applications, from indoor and outdoor to portable and lamp retrofits, the XLamp® XT-E LED delivers high performance and high reliability in the industry-standard XP/XT footprint. The XT-E LED offers the benefits of the XT/XP platform — compact and proven 3.45 mm x 3.45 mm package and established ecosystem — enabling lighting manufacturers to simplify the design process and shorten time to market. The XT-E LED is available in royal blue and white. The XT-E White LED offers a high-efficacy option. In this document, the term White denotes the white XT-E LED without regard to its efficacy. The terms Standard and High Efficacy are used when necessary to differentiate the performace of the High Efficacy XT-E LED from the XT-E LED without the high-efficacy option. FEATuREs • Maximum Vf for High Efficacy XT-E White: 2.85 V • Available in 70-, 80- and 90-CRI minimum white • Binned at 85 °C • Available in 2200 K CCT • Thermal resistance: 5 °C/W • Wide viewing angle: 115°-140° • Maximum drive current: White 1.5 A, Royal Blue 1.0 A • Electrically neutral thermal path • Vf binning supported for XT-E White and Royal Blue • XT-E Royal Blue sorted into 2.5-nm wavelength bins • Unlimited floor life at ≤ 30 ºC/85% RH • Reflow solderable - JEDEC J-STD-020C compatible • RoHS and REACh compliant • UL® recognized component (E349212) noTE: For remote phosphor applications, a separate license to certain Cree patents is required. |
Similar Part No. - XTEAWT-00-0000-00000LGF6 |
|
Similar Description - XTEAWT-00-0000-00000LGF6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |