Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRCH064GWZ-3 Datasheet(PDF) 1 Page - Rohm

Part # BRCH064GWZ-3
Description  WLCSP EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BRCH064GWZ-3 Datasheet(HTML) 1 Page - Rohm

  BRCH064GWZ-3 Datasheet HTML 1Page - Rohm BRCH064GWZ-3 Datasheet HTML 2Page - Rohm BRCH064GWZ-3 Datasheet HTML 3Page - Rohm BRCH064GWZ-3 Datasheet HTML 4Page - Rohm BRCH064GWZ-3 Datasheet HTML 5Page - Rohm BRCH064GWZ-3 Datasheet HTML 6Page - Rohm BRCH064GWZ-3 Datasheet HTML 7Page - Rohm BRCH064GWZ-3 Datasheet HTML 8Page - Rohm BRCH064GWZ-3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/26
TSZ02201-0R2R0G100720-1-2
11.May.2015 Rev.002
©2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
Serial EEPROM Series Standard EEPROM
WLCSP EEPROM
BRCH064GWZ-3
General Description
BRCH064GWZ-3 is a 64Kbit serial EEPROM of I2C BUS Interface Method
Features
Completely Conforming to the World Standard I2C
BUS.
All Controls Available by 2 Ports of Serial Clock
(SCL) and serial data (SDA)
Other Devices than EEPROM can be Connected to
the Same Port, Saving Microcontroller Port
1.6V to 5.5V Single Power Source Operation Most
Suitable for Battery Use
1.6V to 5.5V Wide Limit of Operating Voltage,
Possible FAST MODE 400KHz Operation
Up to 32 Byte in Page Write Mode
Bit Format 8K x 8
Self-timed Programming Cycle
Low Current Consumption
Prevention of Write Mistake
Write (Write Protect) Function Added
Prevention of write mistake at low voltage
More than 1 Million Write Cycles
More than 40 Years Data Retention
Noise Filter Built in SCL / SDA Terminal
Initial Delivery State FFh
Packages W(Typ) x D(Typ) x H(Max)
UCSP30L1A 1.50mm x1.00mm x 0.33mm
Datasheet


Similar Part No. - BRCH064GWZ-3

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRC114ECM HITACHI-BRC114ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC123ECM HITACHI-BRC123ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC124ECM HITACHI-BRC124ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC143ECM HITACHI-BRC143ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC144ECM HITACHI-BRC144ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
More results

Similar Description - BRCH064GWZ-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_1 Datasheet
808Kb / 26P
   WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3_13 Datasheet
457Kb / 29P
   WLCSP EEPROM
BU9833GUL-W ROHM-BU9833GUL-W_12 Datasheet
756Kb / 28P
   WLCSP EEPROM
BRCB016GWL-3 ROHM-BRCB016GWL-3 Datasheet
478Kb / 30P
   WLCSP EEPROM
BRCD064GWZ-3 ROHM-BRCD064GWZ-3 Datasheet
603Kb / 30P
   WLCSP EEPROM
BU9847GUL-W ROHM-BU9847GUL-W_12 Datasheet
804Kb / 28P
   WLCSP EEPROM
BRCB064GWZ-3 ROHM-BRCB064GWZ-3 Datasheet
503Kb / 29P
   WLCSP EEPROM
BU9832GUL-W ROHM-BU9832GUL-W_12 Datasheet
748Kb / 30P
   WLCSP EEPROM
BU9889GUL-W ROHM-BU9889GUL-W_12 Datasheet
787Kb / 27P
   WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3_13 Datasheet
519Kb / 29P
   WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com