Electronic Components Datasheet Search |
|
BUC20-48S1W Datasheet(PDF) 1 Page - Bothhand USA, LP. |
|
BUC20-48S1W Datasheet(HTML) 1 Page - Bothhand USA, LP. |
1 / 7 page Rev:20130814A Page 1 of 7 Isolated DC-DC Converters BUC20W Series -- 20 Watt PRELIMINARY Features Wide 4 : 1 Input Voltage Range(9~36V,18~75V) High Efficiency up to 90% Remote On/Off Input / Output Isolation Voltage: 1.5K VDC Extended Operating Temperature Range: -40°C to+85°C Output Short Circuit Protection: Hiccup, continuous & Auto Recovery Over Voltage Protection: Clamp Mode Shielded Metal Case with Insulated Baseplate Lead Free Design, RoHS Compliant 6 pin DIP Package with Industry-Standard Footprint Standard 2”X1” Package Customer Design Available Technical Specification All specifications are typical at nominal input, full load and 25°C unless otherwise stated. Output Current (mA) Input Current (mA) Model Number Input Voltage Range Output Voltage (V) Min. Load (1) Full. Load No Load Full Load Eff . (2) (%) Capacitive Load, max. (3) (uF) BUC20-24S0W 3.3 0 5500 70 945 84 33000 BUC20-24S1W 5.1 0 4000 86 1012 88 18000 BUC20-24S2W 12 150 1670 38 1006 87 3300 BUC20-24S3W 15 80 1330 49 990 88 2200 BUC20-24D1W ±5 0 ±2000 91 992 88 8200 BUC20-24D2W ±12 ±25 ±835 45 1006 87 1000 BUC20-24D3W 9~36V Nominal:24V ±15 0 ±665 95 1002 87 900 BUC20-48S0W 3.3 0 5500 25 461 86 33000 BUC20-48S1W 5.1 0 4000 38 500 89 18000 BUC20-48S2W 12 90 1670 40 491 89 3300 BUC20-48S3W 15 55 1330 37 489 89 2200 BUC20-48D1W ±5 0 ±2000 39 484 90 8200 BUC20-48D2W ±12 ±10 ±835 42 491 89 1000 BUC20-48D3W 18~75V Nominal:48V ±15 0 ±665 43 495 88 900 Description The BUC20W Series are isolated 20W DC/DC converters. Designed with highly efficiency, allow the operating temperature range of these units to be -40°C to +85°C (with derating) in a 6 pin DIP package with industry-standard footprint. Further features include wide 4 : 1 input voltage range, remote on/off control, trimmable output, short-circuit protection, over voltage protection and over temperature protection. Applications These converters are well suitable for battery operated equipment, measurement equipment, telecom, wireless network, Industry control system, everywhere where isolated, tightly regulated voltages and compact size are required. Bothhand USA sales@bothhandusa.com www.bothhandusa.com |
Similar Part No. - BUC20-48S1W |
|
Similar Description - BUC20-48S1W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |