Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H080F-2LB Datasheet(PDF) 7 Page - Rohm

Part # BR25H080F-2LB
Description  Operation SPI BUS EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H080F-2LB Datasheet(HTML) 7 Page - Rohm

Back Button BR25H080F-2LB_14 Datasheet HTML 3Page - Rohm BR25H080F-2LB_14 Datasheet HTML 4Page - Rohm BR25H080F-2LB_14 Datasheet HTML 5Page - Rohm BR25H080F-2LB_14 Datasheet HTML 6Page - Rohm BR25H080F-2LB_14 Datasheet HTML 7Page - Rohm BR25H080F-2LB_14 Datasheet HTML 8Page - Rohm BR25H080F-2LB_14 Datasheet HTML 9Page - Rohm BR25H080F-2LB_14 Datasheet HTML 10Page - Rohm BR25H080F-2LB_14 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
BR25H080F-2LB
7/28
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100330-1-2
27.Feb.2014 Rev.002
Typical Performance Curves
0
1
2
3
4
5
6
012
34
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0
0.5
1
1.5
2
2.5
3
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
OUTPUT HIGH CURRENT : IOH
[mA]
SPEC
Ta= -40
Ta= 25
Ta= 125
0
1
2
3
4
5
6
012
34
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
Figure 7. Input High Voltage VIH
(CSB,SCK,SI,HOLDB,WPB)
Figure 8. Input Low Voltage VIL
(CSB,SCK,SI,HOLDB,WPB)
Figure 9. Output Low Voltage
VOL, IOL (Vcc=2.5V)
Figure 10. Output High Voltage
VOH, IOH (Vcc=2.5V)
0
0.2
0.4
0.6
0.8
1
01
23
45
6
OUTPUT LOW CURRENT : IOL
[mA]
SPEC
Ta= -40
Ta= 25
Ta= 125


Similar Part No. - BR25H080F-2LB_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H080F-2LBH2 ROHM-BR25H080F-2LBH2 Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LBH2 ROHM-BR25H080F-2LBH2 Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125C Operation SPI BUS EEPROM
More results

Similar Description - BR25H080F-2LB_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB_14 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25A1M-3M ROHM-BR25A1M-3M Datasheet
724Kb / 31P
   Operation SPI BUS EEPROM
BR25H256-2AC ROHM-BR25H256-2AC Datasheet
1Mb / 38P
   Operation SPI BUS EEPROM
BR25H320-2C ROHM-BR25H320-2C Datasheet
923Kb / 35P
   Operation SPI BUS EEPROM
BR25H640-2AC ROHM-BR25H640-2AC Datasheet
1Mb / 40P
   Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB_1 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
BR25H128-2AC ROHM-BR25H128-2AC Datasheet
1Mb / 39P
   Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB_14 Datasheet
954Kb / 32P
   Operation SPI BUS EEPROM
BR25A256-3M ROHM-BR25A256-3M Datasheet
2Mb / 32P
   Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C_16 Datasheet
1Mb / 36P
   Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com