Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25G640NUX-3TR Datasheet(PDF) 3 Page - Rohm

Part # BR25G640NUX-3TR
Description  SPI BUS EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25G640NUX-3TR Datasheet(HTML) 3 Page - Rohm

  BR25G640NUX-3TR Datasheet HTML 1Page - Rohm BR25G640NUX-3TR Datasheet HTML 2Page - Rohm BR25G640NUX-3TR Datasheet HTML 3Page - Rohm BR25G640NUX-3TR Datasheet HTML 4Page - Rohm BR25G640NUX-3TR Datasheet HTML 5Page - Rohm BR25G640NUX-3TR Datasheet HTML 6Page - Rohm BR25G640NUX-3TR Datasheet HTML 7Page - Rohm BR25G640NUX-3TR Datasheet HTML 8Page - Rohm BR25G640NUX-3TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Datasheet
3/32
BR25G640-3
TSZ02201-0R2R0G100680-1-2
24.Apr.2014 Rev.001
©2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
DC Characteristics (Unless otherwise specified, Ta=-40°C to +85°C, Vcc=1.6V to 5.5V)
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
Input High Voltage1
VIH1
0.7 x Vcc
Vcc+1.0
V
1.7
≤Vcc≤5.5V
Input Low Voltage1
VIL1
-0.3 (Note1)
0.3 x Vcc
V
1.7
≤Vcc≤5.5V
Input High Voltage2
VIH2
0.8 x Vcc
Vcc+1.0
V
1.6
≤Vcc<1.7V
Input Low Voltage2
VIL2
-0.3 (Note1)
0.2 x Vcc
V
1.6
≤Vcc<1.7V
Output Low Voltage1
VOL1
0
0.4
V
IOL=3.0mA, 2.5
≤Vcc≤5.5V
Output Low Voltage2
VOL2
0
0.2
V
IOL=1.0mA, 1.6
≤Vcc<2.5V
Output High Voltage1
VOH1
Vcc-0.2
Vcc
V
IOH=-2.0mA, 2.5V
≤Vcc≤5.5V
Output High Voltage2
VOH2
Vcc-0.2
Vcc
V
IOH=-400µA, 1.6
≤Vcc<2.5V
Input Leakage Current
ILI
- 1
1
µA
VIN=0 to Vcc
Output Leakage Current
ILO
- 1
1
µA
VOUT=0 to Vcc, CSB=Vcc
Supply Current (Write)
ICC1
1
mA
Vcc=1.8V, fSCK=5MHz, tE/W=5ms
Byte Write, Page Write, Write Status Register
ICC2
1.5
mA
Vcc=2.5V, fSCK=10MHz, tE/W=5ms
Byte Write, Page Write, Write Status Register
ICC3
2
mA
Vcc=5.5V, fSCK=20MHz, tE/W=5ms
Byte Write, Page Write, Write Status Register
Supply Current (Read)
ICC4
0.7
mA
Vcc=1.8V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC5
1
mA
Vcc=2.5V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC6
1.6
mA
Vcc=2.5V, fSCK=10MHz, SO=OPEN
Read, Read Status Register
ICC7
3
mA
Vcc=5.5V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC8
4
mA
Vcc=5.5V, fSCK=10MHz, SO=OPEN
Read, Read Status Register
ICC9
8
mA
Vcc=5.5V, fSCK=20MHz, SO=OPEN
Read, Read Status Register
Standby Current
ISB
2
µA
Vcc=5.5V, SO=OPEN
CSB=HOLDB=WPB=Vcc, SCK=SI=Vcc or GND
(Note1) When the pulse width is 50ns or less, it is -1.0V.


Similar Part No. - BR25G640NUX-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128F-3GE2 ROHM-BR25G128F-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-3GE2 ROHM-BR25G128FJ-3GE2 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G128FJ-5AE2 ROHM-BR25G128FJ-5AE2 Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G128FVM-3GTR ROHM-BR25G128FVM-3GTR Datasheet
769Kb / 36P
   SPI BUS EEPROM
More results

Similar Description - BR25G640NUX-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G512XXX-5A ROHM-BR25G512XXX-5A Datasheet
1Mb / 41P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com