Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEAWT-00-0000-00000BDE5 Datasheet(PDF) 7 Page - Cree, Inc

Part # XTEAWT-00-0000-00000BDE5
Description  Cree XLamp XT-E LEDs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEAWT-00-0000-00000BDE5 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XTEAWT-00-0000-00000BDE5 Datasheet HTML 3Page - Cree, Inc XTEAWT-00-0000-00000BDE5 Datasheet HTML 4Page - Cree, Inc XTEAWT-00-0000-00000BDE5 Datasheet HTML 5Page - Cree, Inc XTEAWT-00-0000-00000BDE5 Datasheet HTML 6Page - Cree, Inc XTEAWT-00-0000-00000BDE5 Datasheet HTML 7Page - Cree, Inc XTEAWT-00-0000-00000BDE5 Datasheet HTML 8Page - Cree, Inc XTEAWT-00-0000-00000BDE5 Datasheet HTML 9Page - Cree, Inc XTEAWT-00-0000-00000BDE5 Datasheet HTML 10Page - Cree, Inc XTEAWT-00-0000-00000BDE5 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® XT-E LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 41).
Cree XLamp XT-E LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux
(lm) @ 350 mA
order Codes
Kit
CCT
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
no Minimum CRi
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
F4
4750 K
S3
156
171
XTEAWT-00-0000-
000000KF4
XTEAWT-00-0000-
00000BKF4
S2
148
163
XTEAWT-00-0000-
000000JF4
XTEAWT-00-0000-
00000BJF4
XTEAWT-00-0000-
00000LJF4
R5
139
153
XTEAWT-00-0000-
000000HF4
XTEAWT-00-0000-
00000BHF4
XTEAWT-00-0000-
00000LHF4
XTEAWT-00-0000-
00000HHF4
R4
130
143
XTEAWT-00-0000-
000000GF4
XTEAWT-00-0000-
00000BGF4
XTEAWT-00-0000-
00000LGF4
XTEAWT-00-0000-
00000HGF4
R3
122
134
XTEAWT-00-0000-
000000FF4
XTEAWT-00-0000-
00000BFF4
XTEAWT-00-0000-
00000LFF4
XTEAWT-00-0000-
00000HFF4
R2
114
125
XTEAWT-00-0000-
000000EF4
XTEAWT-00-0000-
00000BEF4
XTEAWT-00-0000-
00000LEF4
XTEAWT-00-0000-
00000HEF4
Q5
107
118
XTEAWT-00-0000-
00000LDF4
XTEAWT-00-0000-
00000HDF4
XTEAWT-00-0000-
00000PDF4
XTEAWT-00-0000-
00000UDF4
Q4
100
110
XTEAWT-00-0000-
00000PCF4
XTEAWT-00-0000-
00000UCF4
Q3
93.9
103
XTEAWT-00-0000-
00000PBF4
XTEAWT-00-0000-
00000UBF4
Q2
87.4
96.1
XTEAWT-00-0000-
00000PAF4
XTEAWT-00-0000-
00000UAF4
D1
4750 K
S3
156
171
XTEAWT-00-0000-
000000KD1
XTEAWT-00-0000-
00000BKD1
S2
148
163
XTEAWT-00-0000-
000000JD1
XTEAWT-00-0000-
00000BJD1
XTEAWT-00-0000-
00000LJD1
R5
139
153
XTEAWT-00-0000-
000000HD1
XTEAWT-00-0000-
00000BHD1
XTEAWT-00-0000-
00000LHD1
R4
130
143
XTEAWT-00-0000-
000000GD1
XTEAWT-00-0000-
00000BGD1
XTEAWT-00-0000-
00000LGD1
R3
122
134
XTEAWT-00-0000-
000000FD1
XTEAWT-00-0000-
00000BFD1
XTEAWT-00-0000-
00000LFD1
R2
114
125
XTEAWT-00-0000-
000000ED1
XTEAWT-00-0000-
00000BED1
XTEAWT-00-0000-
00000LED1
FLuX ChARACTERisTiCs - WhiTE, sTAnDARD (T
J = 85 °C) - ConTInued


Similar Part No. - XTEAWT-00-0000-00000BDE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-00000BDF6 CREE-XTEAWT-00-0000-00000BDF6 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results

Similar Description - XTEAWT-00-0000-00000BDE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com