Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ18ET3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMSZ18ET3
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ18ET3 Datasheet(HTML) 4 Page - ON Semiconductor

  MMSZ18ET3 Datasheet HTML 1Page - ON Semiconductor MMSZ18ET3 Datasheet HTML 2Page - ON Semiconductor MMSZ18ET3 Datasheet HTML 3Page - ON Semiconductor MMSZ18ET3 Datasheet HTML 4Page - ON Semiconductor MMSZ18ET3 Datasheet HTML 5Page - ON Semiconductor MMSZ18ET3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMSZ2V4ET1 Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
VZ, NOMINAL ZENER VOLTAGE (V)
−3
−2
−1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
Figure 1. Temperature Coefficients
(Temperature Range − 55
°C to +150°C)
TYPICAL TC VALUES
FOR MMSZ2V4T1 SERIES
VZ @ IZT
100
10
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 2. Temperature Coefficients
(Temperature Range − 55
°C to +150°C)
VZ @ IZT
1.2
1.0
0.8
0.6
0.4
0.2
0
150
125
100
75
50
25
0
T, TEMPERATURE (
°C)
Figure 3. Steady State Power Derating
PD versus TA
PD versus TL
0.1
PW, PULSE WIDTH (ms)
Figure 4. Maximum Nonrepetitive Surge Power
1
10
100
1000
1000
100
10
1
RECTANGULAR
WAVEFORM, TA = 25°C
100
VZ, NOMINAL ZENER VOLTAGE
Figure 5. Effect of Zener Voltage on
Zener Impedance
10
1
1000
100
10
1
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
20 mA
VF, FORWARD VOLTAGE (V)
Figure 6. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 V (MMSZ5267BT1)
91 V (MMSZ5270BT1)
150
°C
75
°C
25
°C
TYPICAL TC VALUES
FOR MMSZ2V4T1 SERIES
0
°C
10
1


Similar Part No. - MMSZ18ET3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ18ET1 ONSEMI-MMSZ18ET1 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ18ET1G ONSEMI-MMSZ18ET1G Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ18ET1G ONSEMI-MMSZ18ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ18ET1G ONSEMI-MMSZ18ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD-123 Surface Mount
January, 2012 - Rev. 7
More results

Similar Description - MMSZ18ET3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com