Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHP35A-H0-0000-0D0HB40E6 Datasheet(PDF) 6 Page - Cree, Inc

Part # XHP35A-H0-0000-0D0HB40E6
Description  Cree XLamp XHP35 LEDs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP35A-H0-0000-0D0HB40E6 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 2Page - Cree, Inc XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 3Page - Cree, Inc XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 4Page - Cree, Inc XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 5Page - Cree, Inc XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 6Page - Cree, Inc XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 7Page - Cree, Inc XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 8Page - Cree, Inc XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 9Page - Cree, Inc XHP35A-H0-0000-0D0HB40E6 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® XHp35 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 31).
Cree XLamp XHP35 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and are for reference only.
nomimal
CCt
Chromaticity regions
Cri
Minimum Luminous Flux
@ 350 mA
order Code
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
5700 K
2A, 2B, 2C, 2D
0
68
e4
635
706
XHP35A-00-0000-0D00e40e2
e2
590
656
XHP35A-00-0000-0D00e20e2
D4
550
612
XHP35A-00-0000-0D00D40e2
70
e4
635
706
XHP35A-00-0000-0D0Be40e2
e2
590
656
XHP35A-00-0000-0D0Be20e2
D4
550
612
XHP35A-00-0000-0D0BD40e2
80
D4
550
612
XHP35A-00-0000-0D0HD40e2
D2
510
567
XHP35A-00-0000-0D0HD20e2
90
C4
475
528
XHP35A-00-0000-0D0UC40e2
C2
440
489
XHP35A-00-0000-0D0UC20e2
B4
410
456
XHP35A-00-0000-0D0UB40e2
5000 K
3A, 3B, 3C, 3D
0
68
e4
635
706
XHP35A-00-0000-0D00e40e3
e2
590
656
XHP35A-00-0000-0D00e20e3
D4
550
612
XHP35A-00-0000-0D00D40e3
70
e4
635
706
XHP35A-00-0000-0D0Be40e3
e2
590
656
XHP35A-00-0000-0D0Be20e3
D4
550
612
XHP35A-00-0000-0D0BD40e3
80
D4
550
612
XHP35A-00-0000-0D0HD40e3
D2
510
567
XHP35A-00-0000-0D0HD20e3
90
C4
475
528
XHP35A-00-0000-0D0UC40e3
C2
440
489
XHP35A-00-0000-0D0UC20e3
B4
410
456
XHP35A-00-0000-0D0UB40e3
4500 K
4A, 4B, 4C, 4D
0
68
e2
590
656
XHP35A-00-0000-0D00e20e4
D4
550
612
XHP35A-00-0000-0D00D40e4
70
e2
590
656
XHP35A-00-0000-0D0Be20e4
D4
550
612
XHP35A-00-0000-0D0BD40e4
80
D4
550
612
XHP35A-00-0000-0D0HD40e4
D2
510
567
XHP35A-00-0000-0D0HD20e4
90
C4
475
528
XHP35A-00-0000-0D0UC40e4
C2
440
489
XHP35A-00-0000-0D0UC20e4
B4
410
456
XHP35A-00-0000-0D0UB40e4
FLuX CHArACtEristiCs, HigH DEnsity Ansi orDEr CoDEs AnD bins (t
J = 85 °C) - Continued


Similar Part No. - XHP35A-H0-0000-0D0HB40E6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D20E5 CREE-XHP35B-00-0000-0D00D20E5 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DT CREE-XHP35B-00-0000-0D00D40DT Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40DV CREE-XHP35B-00-0000-0D00D40DV Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XHP35B-00-0000-0D00D40E1 CREE-XHP35B-00-0000-0D00D40E1 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
More results

Similar Description - XHP35A-H0-0000-0D0HB40E6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
logo
List of Unclassifed Man...
XL7090 ETC1-XL7090 Datasheet
455Kb / 19P
   Cree XLamp 7090 Packaged LEDs
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com