Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBRD-L1-0000-00701 Datasheet(PDF) 11 Page - Cree, Inc

Part # XPEBRD-L1-0000-00701
Description  Cree XLamp XP-E2 LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBRD-L1-0000-00701 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XPEBRD-L1-0000-00701 Datasheet HTML 7Page - Cree, Inc XPEBRD-L1-0000-00701 Datasheet HTML 8Page - Cree, Inc XPEBRD-L1-0000-00701 Datasheet HTML 9Page - Cree, Inc XPEBRD-L1-0000-00701 Datasheet HTML 10Page - Cree, Inc XPEBRD-L1-0000-00701 Datasheet HTML 11Page - Cree, Inc XPEBRD-L1-0000-00701 Datasheet HTML 12Page - Cree, Inc XPEBRD-L1-0000-00701 Datasheet HTML 13Page - Cree, Inc XPEBRD-L1-0000-00701 Datasheet HTML 14Page - Cree, Inc XPEBRD-L1-0000-00701 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
11
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® Xp-E2 LED
Note:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
Color
Minimum Luminous
Flux (lm) @ 350 mA
dominant Wavelength (nm)
order Codes
Minimum
Maximum
Group
Flux (lm)
Group
DWL
(nm)
Group
DWL
(nm)
Blue
K2
30.6
B3
465
B6
485
XPeBBL-L1-0000-00Y01
B3
465
B5
480
XPeBBL-L1-0000-00Y02
B4
470
B5
480
XPeBBL-L1-0000-00Y05
K3
35.2
B3
465
B6
485
XPeBBL-L1-0000-00Z01
B3
465
B5
480
XPeBBL-L1-0000-00Z02
B4
470
B5
480
XPeBBL-L1-0000-00Z05
M2
39.8
B3
465
B6
485
XPeBBL-L1-0000-00201
B3
465
B5
480
XPeBBL-L1-0000-00202
B4
470
B5
480
XPeBBL-L1-0000-00205
M3
45.7
B3
465
B6
485
XPEBBL-L1-0000-00301
B3
465
B5
480
XPEBBL-L1-0000-00302
B4
470
B5
480
XPEBBL-L1-0000-00305
Color
Minimum Luminous
Flux (lm) @ 350 mA
dominant Wavelength (nm)
order Codes
Minimum
Maximum
Group
Flux (lm)
Group
DWL
(nm)
Group
DWL
(nm)
Green
Q2
87.4
G2
520
G4
535
XPeBGR-L1-0000-00A01
G2
520
G3
530
XPeBGR-L1-0000-00A02
G3
525
G4
535
XPEBGR-L1-0000-00A03
Q3
93.9
G2
520
G4
535
XPeBGR-L1-0000-00B01
G2
520
G3
530
XPeBGR-L1-0000-00B02
G3
525
G4
535
XPEBGR-L1-0000-00B03
Q4
100
G2
520
G4
535
XPeBGR-L1-0000-00C01
G2
520
G3
530
XPeBGR-L1-0000-00C02
G3
525
G4
535
XPEBGR-L1-0000-00C03
Q5
107
G2
520
G4
535
XPeBGR-L1-0000-00D01
G2
520
G3
530
XPeBGR-L1-0000-00D02
G3
525
G4
535
XPEBGR-L1-0000-00D03
R2
114
G2
520
G4
535
XPeBGR-L1-0000-00e01
G2
520
G3
530
XPeBGR-L1-0000-00e02
G3
525
G4
535
XPEBGR-L1-0000-00E03
R3
122
G2
520
G4
535
XPeBGR-L1-0000-00F01
G2
520
G3
530
XPeBGR-L1-0000-00F02
G3
525
G4
535
XPEBGR-L1-0000-00F03
FLuX ChArACtEristiCs - CoLor (t
J = 25 °C) - ConTInued


Similar Part No. - XPEBRD-L1-0000-00701

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBRY-L1-0000-00J01 CREE-XPEBRY-L1-0000-00J01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00K01 CREE-XPEBRY-L1-0000-00K01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00L01 CREE-XPEBRY-L1-0000-00L01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00M01 CREE-XPEBRY-L1-0000-00M01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00N01 CREE-XPEBRY-L1-0000-00N01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
More results

Similar Description - XPEBRD-L1-0000-00701

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com