Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28334ZJZQ Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320F28334ZJZQ
Description  Digital Signal Controllers (DSCs)
Download  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28334ZJZQ Datasheet(HTML) 4 Page - Texas Instruments

  TMS320F28334ZJZQ Datasheet HTML 1Page - Texas Instruments TMS320F28334ZJZQ Datasheet HTML 2Page - Texas Instruments TMS320F28334ZJZQ Datasheet HTML 3Page - Texas Instruments TMS320F28334ZJZQ Datasheet HTML 4Page - Texas Instruments TMS320F28334ZJZQ Datasheet HTML 5Page - Texas Instruments TMS320F28334ZJZQ Datasheet HTML 6Page - Texas Instruments TMS320F28334ZJZQ Datasheet HTML 7Page - Texas Instruments TMS320F28334ZJZQ Datasheet HTML 8Page - Texas Instruments TMS320F28334ZJZQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 201 page
background image
L0 SARAM 4K x 16
(0-Wait, Dual Map)
L1 SARAM 4K x 16
(0-Wait, Dual Map)
L2 SARAM 4K x 16
(0-Wait, Dual Map)
L3 SARAM 4K x 16
(0-Wait, Dual Map)
M0 SARAM 1Kx16
(0-Wait)
M1 SARAM 1Kx16
(0-Wait)
L4 SARAM 4K x 16
(0-W Data, 1-W Prog)
L5 SARAM 4K x 16
(0-W Data, 1-W Prog)
L6 SARAM 4K x 16
(0-W Data, 1-W Prog)
L7 SARAM 4K x 16
(0-W Data, 1-W Prog)
Boot ROM
8K x 16
Code
Security
Module
PSWD
OTP 1K x 16
Flash
256K x 16
8 Sectors
Pump
Flash
Wrapper
TEST1
TEST2
XA0/XWE1
XWE0
XZCS6
XZCS7
XZCS0
XR/W
XREADY
XHOLD
XHOLDA
XD31:0
XA19:1
GPIO
MUX
Memory Bus
XCLKOUT
XRD
GPIO
MUX
88 GPIOs
8 External Interrupts
88 GPIOs
12-Bit
ADC
2-S/H
A7:0
B7:0
CPU Timer 0
CPU Timer 1
CPU Timer 2
OSC,
PLL,
LPM,
WD
DMA
6 Ch
PIE
(Interrupts)
32-bit CPU
(150 MHZ @ 1.9 V)
(100 MHz @ 1.8 V)
EMU1
EMU0
TRST
TDO
TMS
TDI
TCK
XRS
X2
X1
XCLKIN
FPU
REFIN
DMA Bus
Memory Bus
FIFO
(16 Levels)
SCI-A/B/C
FIFO
(16 Levels)
SPI-A
FIFO
(16 Levels)
I2C
16-bit peripheral bus
McBSP-A/B
32-bit peripheral bus
(DMA accessible)
ePWM-1/../6
HRPWM-1/../6
eCAP-1/../6
eQEP-1/2
CAN-A/B
(32-mbox)
32-bit peripheral bus
GPIO MUX
88 GPIOs
XINTF
Secure zone
Copyright © 2016, Texas Instruments Incorporated
4
TMS320F28335, TMS320F28334, TMS320F28333, TMS320F28332
TMS320F28235, TMS320F28234, TMS320F28232
SPRS439N – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28335 TMS320F28334 TMS320F28333 TMS320F28332 TMS320F28235
TMS320F28234 TMS320F28232
Device Overview
Copyright © 2007–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1. Functional Block Diagram


Similar Part No. - TMS320F28334ZJZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28334ZJZQ TI-TMS320F28334ZJZQ Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28334ZJZQ TI1-TMS320F28334ZJZQ Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28334ZJZQ TI1-TMS320F28334ZJZQ Datasheet
2Mb / 199P
[Old version datasheet]   PRODUCTION DATA information is current as of publication date
TMS320F28334ZJZQ TI1-TMS320F28334ZJZQ Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results

Similar Description - TMS320F28334ZJZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28335 TI1-TMS320F28335_13 Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
1Mb / 100P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V01 Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V02 Datasheet
3Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V03 Datasheet
5Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com