Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBRO-L1-0000-00903 Datasheet(PDF) 8 Page - Cree, Inc

Part # XPEBRO-L1-0000-00903
Description  Cree XLamp XP-E2 LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBRO-L1-0000-00903 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XPEBRO-L1-0000-00903 Datasheet HTML 4Page - Cree, Inc XPEBRO-L1-0000-00903 Datasheet HTML 5Page - Cree, Inc XPEBRO-L1-0000-00903 Datasheet HTML 6Page - Cree, Inc XPEBRO-L1-0000-00903 Datasheet HTML 7Page - Cree, Inc XPEBRO-L1-0000-00903 Datasheet HTML 8Page - Cree, Inc XPEBRO-L1-0000-00903 Datasheet HTML 9Page - Cree, Inc XPEBRO-L1-0000-00903 Datasheet HTML 10Page - Cree, Inc XPEBRO-L1-0000-00903 Datasheet HTML 11Page - Cree, Inc XPEBRO-L1-0000-00903 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
88
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® Xp-E2 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
**
Calculated flux values at 700 mA and 1 A are for reference only.
Chromaticity
Minimum Luminous
Flux @ 350 mA
Calculated Minimum
Luminous Flux (lm)**
@ 85 °C**
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
700 mA
1.0 A
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
F8
2850 K
Q5
107
124
183
233
XPeBWT-L1-
0000-00DF8
Q4
100
116
171
218
XPeBWT-L1-
0000-00CF8
XPEBWT-H1-
0000-00CF8
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00BF8
XPEBWT-H1-
0000-00BF8
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00AF8
XPEBWT-H1-
0000-00AF8
XPeBWT-P1-
0000-00AF8
P4
80.6
93.6
138
176
XPeBWT-L1-
0000-009F8
XPEBWT-H1-
0000-009F8
XPeBWT-P1-
0000-009F8
XPeBWT-U1-
0000-009F8
P3
73.9
85.8
127
161
XPeBWT-P1-
0000-008F8
XPeBWT-U1-
0000-008F8
P2
67.2
78
115
147
XPeBWT-P1-
0000-007F8
XPeBWT-U1-
0000-007F8
N4
62
72
106
135
XPeBWT-P1-
0000-006F8
XPeBWT-U1-
0000-006F8
e8
2700 K
Q5
107
124
183
233
XPeBWT-L1-
0000-00De8
Q4
100
116
171
218
XPeBWT-L1-
0000-00Ce8
XPEBWT-H1-
0000-00Ce8
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00Be8
XPEBWT-H1-
0000-00Be8
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00Ae8
XPEBWT-H1-
0000-00Ae8
P4
80.6
93.6
138
176
XPeBWT-L1-
0000-009e8
XPEBWT-H1-
0000-009e8
XPeBWT-P1-
0000-009e8
XPeBWT-U1-
0000-009e8
P3
73.9
85.8
127
161
XPeBWT-P1-
0000-008e8
XPeBWT-U1-
0000-008e8
P2
67.2
78
115
147
XPeBWT-P1-
0000-007e8
XPeBWT-U1-
0000-007e8
N4
62
72
106
135
XPeBWT-P1-
0000-006e8
XPeBWT-U1-
0000-006e8
FLuX ChArACtEristiCs - WhitE (t
J = 85 °C) - ConTInued


Similar Part No. - XPEBRO-L1-0000-00903

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBRY-L1-0000-00J01 CREE-XPEBRY-L1-0000-00J01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00K01 CREE-XPEBRY-L1-0000-00K01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00L01 CREE-XPEBRY-L1-0000-00L01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00M01 CREE-XPEBRY-L1-0000-00M01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00N01 CREE-XPEBRY-L1-0000-00N01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
More results

Similar Description - XPEBRO-L1-0000-00903

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com