Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBRO-L1-0000-00803 Datasheet(PDF) 1 Page - Cree, Inc

Part # XPEBRO-L1-0000-00803
Description  Cree XLamp XP-E2 LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBRO-L1-0000-00803 Datasheet(HTML) 1 Page - Cree, Inc

  XPEBRO-L1-0000-00803 Datasheet HTML 1Page - Cree, Inc XPEBRO-L1-0000-00803 Datasheet HTML 2Page - Cree, Inc XPEBRO-L1-0000-00803 Datasheet HTML 3Page - Cree, Inc XPEBRO-L1-0000-00803 Datasheet HTML 4Page - Cree, Inc XPEBRO-L1-0000-00803 Datasheet HTML 5Page - Cree, Inc XPEBRO-L1-0000-00803 Datasheet HTML 6Page - Cree, Inc XPEBRO-L1-0000-00803 Datasheet HTML 7Page - Cree, Inc XPEBRO-L1-0000-00803 Datasheet HTML 8Page - Cree, Inc XPEBRO-L1-0000-00803 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
11
Product family data sheet
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-E2 LEDs
ProDuCt DEsCriPtion
The XLamp® XP-e2 LeD builds on the unprecedented
performance of the original XP-e by increasing lumen output up
to 20% while providing a single die LeD point source for precise
optical control. The XP-e2 LeD shares the same footprint as the
original XP-e, providing a seamless upgrade path to more lumens
and/or greater efficiency while shortening the design cycle for
existing XP customers.
XLamp XP-e2 LeDs are the ideal choice for lighting applications
where high light output and maximum efficacy are required,
such as LED retrofit lamps, outdoor, portable, indoor directional,
emergency vehicle or architectural.
FEAturEs
• Available in white, outdoor white, 80-CRI, 85-CRI, 90-CRI
white, royal blue, blue, green, PC amber, amber, red-orange
& red
• ANSI-compatible chromaticity bins
• White binned at 85 °C
• Maximum drive current: 1 A
• Low thermal resistance: as low as 5 °C/W
• Wide viewing angle: 110°-135°
• Unlimited floor life at ≤ 30 °C/85% RH
• Reflow solderable - JEDEC J-STD-020C compatible
• electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component (E349212)


Similar Part No. - XPEBRO-L1-0000-00803

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBRY-L1-0000-00J01 CREE-XPEBRY-L1-0000-00J01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00K01 CREE-XPEBRY-L1-0000-00K01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00L01 CREE-XPEBRY-L1-0000-00L01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00M01 CREE-XPEBRY-L1-0000-00M01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBRY-L1-0000-00N01 CREE-XPEBRY-L1-0000-00N01 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
More results

Similar Description - XPEBRO-L1-0000-00803

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com