Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE56A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # P6KE56A
Description  Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

P6KE56A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  P6KE56A Datasheet HTML 1Page - Fairchild Semiconductor P6KE56A Datasheet HTML 2Page - Fairchild Semiconductor P6KE56A Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P6KE6V8(C)A - P6KE440(C)A, Rev. D
Transient Voltage Suppressors
(continued)
Typical Characteristics
0
25
50
75
100
125
150
175
200
0
1.25
2.5
3.75
5
Lead Temperature [ºC]
0
25
50
75
100
125
150
175
200
0
25
50
75
100
Ambient Temperature [ºC]
12
5
10
20
50
100
10
20
50
100
200
Number of Cycles at 60Hz
T = T max
8.3ms Single Half Sine-Wave
JEDEC Method
A
A
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
Pulse Width [ms]
T = 25 C
º
A
0
1234
0
50
100
150
Time [ms]
T = 25 C
º
A
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
10/1000
µµµµsec Waveform
as Defined by R.E.A.
tf = 10
µµµµsec
e-kt
Peak Value
Ippm
Half Value-Ipp
2
td
1
5
10
50
100
200
10
20
50
100
200
500
1000
2000
4000
6000
Reverse Voltage, V
R [V]
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage (V mw)
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
Figure 3. Pulse Waveform
Figure 4. Total Capacitance - Unidirectional
Figure 5. Steady State Power Derating Curve
Figure 6. Non-Repetitive Surge Current


Similar Part No. - P6KE56A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE56A MOTOROLA-P6KE56A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE56A VISHAY-P6KE56A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
DONGGUAN YOU FENG WEI E...
P6KE56A YFWDIODE-P6KE56A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
TAITRON Components Inco...
P6KE56A TAITRON-P6KE56A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
Microdiode Electronics ...
P6KE56A CHENDA-P6KE56A Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
More results

Similar Description - P6KE56A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ33CA FAIRCHILD-SMBJ33CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ30CA FAIRCHILD-SMBJ30CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ6V5CA FAIRCHILD-SMBJ6V5CA Datasheet
87Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A-SMBJ170(C)A
SMBJ16CA FAIRCHILD-SMBJ16CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMCJ51CA FAIRCHILD-SMCJ51CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
SMBJ5V0A FAIRCHILD-SMBJ5V0A Datasheet
87Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMCJ85CA FAIRCHILD-SMCJ85CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
logo
Arch Electronics Corp.
ATCN ARCH-ATCN_16 Datasheet
141Kb / 4P
   A C -D C Power Module
ALC ARCH-ALC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
AIC ARCH-AIC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com