Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2077A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2077A
Description  TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2077A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB2077A Datasheet HTML 3Page - Texas Instruments TUSB2077A Datasheet HTML 4Page - Texas Instruments TUSB2077A Datasheet HTML 5Page - Texas Instruments TUSB2077A Datasheet HTML 6Page - Texas Instruments TUSB2077A Datasheet HTML 7Page - Texas Instruments TUSB2077A Datasheet HTML 8Page - Texas Instruments TUSB2077A Datasheet HTML 9Page - Texas Instruments TUSB2077A Datasheet HTML 10Page - Texas Instruments TUSB2077A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TUSB2077A
www.ti.com
SLLS414F – MARCH 2000 – REVISED AUGUST 2015
7.5 Electrical Characteristics
over recommended ranges of operating free-air temperature and supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
MAX
UNIT
TTL/LVCMOS
IOH = –4 mA
VCC – 0.5
VOH
High-level output voltage
R(DRV) = 15 kΩ to GND
2.8
V
USB data lines
IOH = –12 mA (without R(DRV))
VCC – 0.5
TTL/LVCMOS
IOL = 4 mA
0.5
VOL
Low-level output voltage
R(DRV) = 1.5 kΩ to 3.6 V
0.3
V
USB data lines
IOL = 12 mA (without R(DRV))
0.5
TTL/LVCMOS
1.8
VIT+
Positive input threshold
V
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
1.8
TTL/LVCMOS
0.8
VIT–
Negative-input threshold
V
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
1
TTL/LVCMOS
0.3
0.7
Input hysteresis(1)
Vhys
mV
(VT+ – VT–)
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
300
500
TTL/LVCMOS
V = VCC or GND
(2)
±10
IOZ
High-impedance output current
μA
USB data lines
0 V
≤ VO ≤ VCC
±10
IIL
Low-level input current
TTL/LVCMOS
VI = GND
–1
μA
IIH
High-level input current
TTL/LVCMOS
VI = VCC
1
μA
z0(DRV)
Driver output impedance
USB data lines
Static VOH or VOL
7.1
19.9
VID
Differential input voltage
USB data lines
0.8 V
≤ VICR ≤ 2.5 V
0.2
V
Normal operation
40
mA
ICC
Input supply current
Suspend mode
1
μA
(1)
Applies for input buffers with hysteresis.
(2)
Applies for open-drain buffers.
7.6 Differential Driver Switching Characteristics (Full-Speed Mode)
over recommended ranges of operating free-air temperature and supply voltage, CL = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM
See Figure 1 and Figure 2
4
20
ns
tf
Transition fall time for DP or DM
See Figure 1 and Figure 2
4
20
ns
t(RFM)
Rise/fall time matching(1)
(tr/tf) × 100
90%
110%
VO(CRS) Signal crossover output voltage
(1)
1.3
2.0
V
(1)
Characterized only. Limits are approved by design and are not production tested.
7.7 Differential Driver Switching Characteristics (Low-Speed Mode)
over recommended ranges of operating free-air temperature and supply voltage, CL = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM(1)
CL = 200 pF to 600 pF, See Figure 1 and Figure 2
75
300
ns
tf
Transition fall time for DP or DM(1)
CL = 200 pF to 600 pF, See Figure 1 and Figure 2
75
300
ns
t(RFM)
Rise/fall time matching(1)
(tr/tf) × 100
80%
120%
VO(CRS) Signal crossover output voltage
(1)
CL = 200 pF to 600 pF
1.3
2.0
V
(1)
Characterized only. Limits are approved by design and are not production tested.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TUSB2077A


Similar Part No. - TUSB2077A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077APT TI-TUSB2077APT Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077APT TI1-TUSB2077APT Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077APTG4 TI1-TUSB2077APTG4 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2077A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com