Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4020BI Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4020BI
Description  TUSB4020BI Two-Port USB 2.0 Hub
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4020BI Datasheet(HTML) 4 Page - Texas Instruments

  TUSB4020BI Datasheet HTML 1Page - Texas Instruments TUSB4020BI Datasheet HTML 2Page - Texas Instruments TUSB4020BI Datasheet HTML 3Page - Texas Instruments TUSB4020BI Datasheet HTML 4Page - Texas Instruments TUSB4020BI Datasheet HTML 5Page - Texas Instruments TUSB4020BI Datasheet HTML 6Page - Texas Instruments TUSB4020BI Datasheet HTML 7Page - Texas Instruments TUSB4020BI Datasheet HTML 8Page - Texas Instruments TUSB4020BI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
TUSB4020BI
SLLSEI0A – JULY 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TUSB4020BI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
I = input, O = output, I/O = input/output, PU = internal pullup resistor, PD = internal pulldown resistor, and PWR = power signal
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
CLOCK AND RESET SIGNALS
GRSTz
11
I
PU
Global power reset. This reset brings all of the TUSB4020BI internal registers to their
default states. When GRSTz is asserted, the device is completely nonfunctional.
XI
38
I
Crystal input. This terminal is the crystal input for the internal oscillator. The input may
alternately be driven by the output of an external oscillator. When using a crystal a 1-M
feedback resistor is required between XI and XO.
XO
39
O
Crystal output. This terminal is the crystal output for the internal oscillator. If XI is driven by
an external oscillator this pin may be left unconnected. When using a crystal a 1-M
feedback resistor is required between XI and XO.
USB UPSTREAM SIGNALS
USB_DP_UP
26
I/O
USB high-speed differential transceiver (positive)
USB_DM_UP
27
I/O
USB high-speed differential transceiver (negative)
USB_R1
24
I
Precision resistor reference. A 9.53-k
Ω ±1% resistor should be connected between
USB_R1 and GND.
USB_VBUS
9
I
USB upstream port power monitor. The VBUS detection requires a voltage divider. The
signal USB_VBUS must be connected to VBUS through a 90.9-k
Ω ±1% resistor, and to
ground through a
10-k
Ω ±1% resistor from the signal to ground.
USB DOWNSTREAM SIGNALS
USB_DP_DN1
41
I/O
USB high-speed differential transceiver (positive) downstream port 1.
USB_DM_DN1
42
I/O
USB high-speed differential transceiver (negative) downstream port 1.
PWRCTL1/BATEN1
4
I/O
PD
USB port 1 power-on control for downstream power or battery charging enable. The
terminal is used for control of the downstream power switch for Port 1.
In addition, the value of the terminal is sampled at the deassertion of reset to determine the
value of the battery charging support for Port 1 as indicated in the Battery Charging
Support register.
0 = Battery charging not supported
1 = Battery charging supported
OVERCUR1z
5
I
PU
USB DS port 1 overcurrent detection input. This terminal is used to connect the over
current output of the downstream port power switch for port 1.
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
If power management is enabled, the external circuitry needed should be determined by the
power switch. In ganged mode, either OVERCUR1z or OVERCUR2z can be used. In
ganged mode, the overcurrent will be reported as a hub event instead of a port event.
USB_DP_DN2
14
I/O
USB high-speed differential transceiver (positive) downstream port 2.
USB_DM_DN2
15
I/O
USB high-speed differential transceiver (negative) downstream port 2.
PWRCTL2/BATEN2
6
I/O
PD
Power-on control /battery charging enable for downstream port 2. This terminal is used for
control of the downstream power switch for port 2.
The value of the terminal is sampled at the deassertion of reset to determine the value of
the battery charging support for port 2 as indicated in the Battery Charging Support register.
0 = Battery charging not supported
1 = Battery charging supported
OVERCUR2z
8
I
PU
Overcurrent detection for downstream port 2. This terminal is used to connect the over
current output of the downstream port power switch for port 2.
0 = An overcurrent event has occurred
1 = An overcurrent event has not occurred
If power management is enabled, the external circuitry needed should be determined by the
power switch. In ganged mode either OVERCUR1z or OVERCUR2z can be used. In
ganged mode the overcurrent will be reported as a hub event instead of a port event.


Similar Part No. - TUSB4020BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB4020BIPHPQ1 TI1-TUSB4020BIPHPQ1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB4020BIPHPRQ1 TI1-TUSB4020BIPHPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI_15 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
More results

Similar Description - TUSB4020BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI_15 Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
188Kb / 1P
   5-port USB 2.0 Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com